công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 263 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 263 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 259Page - Texas Instruments DM3725CUS Datasheet HTML 260Page - Texas Instruments DM3725CUS Datasheet HTML 261Page - Texas Instruments DM3725CUS Datasheet HTML 262Page - Texas Instruments DM3725CUS Datasheet HTML 263Page - Texas Instruments DM3725CUS Datasheet HTML 264Page - Texas Instruments DM3725CUS Datasheet HTML 265Page - Texas Instruments DM3725CUS Datasheet HTML 266Page - Texas Instruments DM3725CUS Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 280 page
background image
SWPS038-104
mmcx_clk
mmcx_cmd
mmcx_dat[n:0]
MMC5
MMC5
MMC6
MMC6
MMC1
MMC2
MMC2
SWPS038-105
mmcx_clk
mmcx_cmd
mmcx_dat[n:0]
MMC4
MMC8
MMC3
MMC7
MMC1
MMC2
MMC2
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-135. MMC2 and MMC3 Interfaces Switching Characteristics
—High-Speed JC64 Mode(5)
(6)(7) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC5
td(clkL-doV)
Delay time, mmcx_clk rising clock edge to mmcx_cmd
3.6
16.8
4
37.2
ns
transition
tR(do)
Rising time, output mmcx_cmd
2263
2263
ps
tF(do)
Falling time, output mmcx_cmd
2136
2136
ps
MMC6
td(clkL-doV)
Delay time, mmcx_clk rising clock edge to mmcx_daty
3.6
16.8
4
37.2
ns
transition
tR(do)
Rising time, output mmcx_dat[n:0](4)
2263
2263
ps
tF(do)
Falling time, output mmcx_dat[n:0](4)
2136
2136
ps
(1) Related with the output clock maximum and minimum frequencies programmable in MMC module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) In mmx_dat[n:0], x is equal to 2 or 3 and n is equal to 7.
(5) See Section 4.3.4, Processor Clocks.
(6) In mmx_cmd, x is equal to 2 or 3.
(7) In mmx_clk, x is equal to 2 or 3.
Figure 6-77. MMC2 and MMC3 Interfaces
—High-Speed JC64 Transmiter Mode(1)(2)(3)
(1) In mmx_dat[n:0], x is equal to 2 or 3 and n is equal to 7.
(2) In mmx_cmd, x is equal to 2 or 3.
(3) In mmx_clk, x is equal to 2 or 3.
Figure 6-78. MMC2 and MMC3 Interfaces
—High-Speed JC64 Receiver Mode(1)(2)(3)
(1) In mmx_dat[n:0], x is equal to 2 or 3 and n is equal to 7.
(2) In mmx_cmd, x is equal to 2 or 3.
(3) In mmx_clk, x is equal to 2 or 3.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
263
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com