công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 76Page - Texas Instruments DM3725CUS Datasheet HTML 77Page - Texas Instruments DM3725CUS Datasheet HTML 78Page - Texas Instruments DM3725CUS Datasheet HTML 79Page - Texas Instruments DM3725CUS Datasheet HTML 80Page - Texas Instruments DM3725CUS Datasheet HTML 81Page - Texas Instruments DM3725CUS Datasheet HTML 82Page - Texas Instruments DM3725CUS Datasheet HTML 83Page - Texas Instruments DM3725CUS Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
N21
cap_vdd_bb_mpu_iv 0
PWR
-
-
-
-
-
-
-
-
a
N20
cap_vddu_array
0
PWR
-
-
-
-
-
-
-
-
AB15
vssa_dac
0
GND
-
-
-
-
-
-
-
-
AB13
vdda_dac
0
PWR
-
-
-
-
-
-
-
-
H11, H14,
vss
0
GND
-
-
-
-
-
-
-
-
H16, J11,
J12, J13, J14,
J15, J16,
K10, K11,
K14, K15, L8,
L10, L13,
L17, M9,
M10, M11,
M13, M16,
N9, N10,
N11, N12,
N13, N14,
N15, N16,
P8, P10, P11,
P12, P13,
P14, P15,
P17, R10,
R11, R14,
R15, T9, T10,
T11, T12,
T13, T14,
T15, T16, U9,
U11, U14,
U15, U16,
V15, V16
AD1, A1, A2, No Connect
(2)
-
-
-
-
-
-
-
-
-
-
B1
W15
sys_xtalgnd
0
GND
-
-
-
-
-
-
-
-
(1) NA in this table stands for "Not Applicable".
(2) Pins labeled as "No connect" must be left unconnected. Any connections to these pins may result in unpredictable behavior.
(3) Depending on the sys_clkreq direction the corresponding reset released state value can be:
–
Z if sys_clkreq is used as input
–
1 if sys_clkreq is used as output
For a full description of the sys_clkreq control, see Power, Reset, and Clock Management chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
(4) PU = [50 to 100 k
Ω] per default or [10 to 50 kΩ] according to the selected mode. For a full description of the pull-up drive strength
programming, see the PRG_SDMMC_PUSTRENGTH configuration register bit field in the System Control Module chapter of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). PD: 30 to 150 k
Ω.
(5) The usage of this GPIO is strongly restricted. For more information, see the General-Purpose Interface chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(6) The drive strength is fixed regardless of the load. The driver is designed to drive 75
Ω for video applications.
(7) In buffer mode, the drive strength is fixed regardless of the load. The driver is designed to drive 75
Ω for video applications. In bypass
mode, the drive strength is 0.47 mA.
(8) The drive strength of these IOs is set according to the programmable load range: 2 pF to 4 pF per default or 4 pF to 12 pF. For a full
description of the drive strength programming, see the System Control Module chapter of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
(9) In the safe_mode_out1, the buffer is configured to drive 1.
(10) The pullup and pulldown can be either the standard LVCMOS 100-
μA drive strength or the I2C pullup and pulldown described below:
Nominal resistance = 1.66 k
Ω in high-speed mode with a load range of 5 pF to 12 pF, 4.5 kΩ in standard / fast mode with a load range
of 5 pF to 15 pF.
(11) The default buffer configuration is High-Speed I2C point-to-point mode using internal pullup. For a full description of the pull drive
strength programming, see prg_i2c1_pullupresx, prg_i2c1_lb1lb0, and prg_sr_pullupresx, prg_sr_lb bits of the CONTROL_PROG_IO1,
CONTROL_PROG_IO_WKUP1 control modules in the System Control Module / SCM Programming Model / Feature Settings section
and the System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4) to modify the IO settings if required by the targeted interface application.
(12) The default buffer configuration is standard LVCMOS mode (non-I2C). For a full description of the pull drive strength programming, see
PADCONFS bits of CONTROL_PADCONF_X control modules (standard LVCMOS mode), or prg_i2c2_pullupresx, prg_i2c2_lb1lb0, and
prg_i2c3_pullupresx, prg_i2c3_lb1lb0 bits of the CONTROL_PROG_IO2, CONTROL_PROG_IO3 control modules (I2C mode) in the
System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4) to
modify the IO settings if required by the targeted interface application.
(13) Mux0 if sys_boot6 is pulled down (clock master).
80
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com