công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 258 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 258 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 254Page - Texas Instruments DM3725CUS Datasheet HTML 255Page - Texas Instruments DM3725CUS Datasheet HTML 256Page - Texas Instruments DM3725CUS Datasheet HTML 257Page - Texas Instruments DM3725CUS Datasheet HTML 258Page - Texas Instruments DM3725CUS Datasheet HTML 259Page - Texas Instruments DM3725CUS Datasheet HTML 260Page - Texas Instruments DM3725CUS Datasheet HTML 261Page - Texas Instruments DM3725CUS Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-126. MMC2 and MMC3 Interfaces Switching Characteristics
—SDIO Identification Mode(4)(7)(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
Standard SDIO Mode
SD1
tc(clk)
Frequency(1), output clock period
0.4
0.4
MHz
SD2
tW(clkH)
Typical pulse duration, output clock high
X(5) *
X(5) *
ns
PO(2)
PO(2)
SD2
tW(clkL)
Typical pulse duration, output clock low
Y(6) *
Y(6) *
ns
PO(2)
PO(2)
tdc(clk)
Duty cycle error, output clock
125
125
ns
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
tR(data)
Rise time, output data
10
10
ns
tF(data)
Fall time, output data
10
10
ns
SD5
td(CLKOH-CMD)
Delay time, mmcx_clk rising clock edge to
6.3
2492.7
6.3
77.03
ns
mmcx_cmd transition
(1) Related to the output mmcx_clk maximum and minimum frequency.
(2) P = output mmcx_clk period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) Corresponding figures showing timing parameters are common with other interface modes (see SDIO, HS SDIO modes).
(5) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(6) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(7) In mmcx, x is equal to 2 or 3.
6.6.8.1.7 MMC2 and MMC3 Interfaces
—High-Speed SDIO Mode
Table 6-128 and Table 6-129 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-73 and Figure 6-74).
Table 6-127. MMC2 and MMC3 Interfaces Timing Conditions
—High-Speed SDIO Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
0.18
5.69
ns
tF
Input signal fall time
0.19
5.70
ns
Output Condition
CLOAD
Output load capacitance(1)
5
pF
258
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com