công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 256 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 252Page - Texas Instruments DM3725CUS Datasheet HTML 253Page - Texas Instruments DM3725CUS Datasheet HTML 254Page - Texas Instruments DM3725CUS Datasheet HTML 255Page - Texas Instruments DM3725CUS Datasheet HTML 256Page - Texas Instruments DM3725CUS Datasheet HTML 257Page - Texas Instruments DM3725CUS Datasheet HTML 258Page - Texas Instruments DM3725CUS Datasheet HTML 259Page - Texas Instruments DM3725CUS Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-123. MMC1 Interface Switching Characteristics
—High-Speed MMC Mode(4) (8)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1
tc(clk)
Frequency(1), output clk period
48
24
MHz
MMC2
tW(clkH)
Typical pulse duration, output clk high
X(6)*PO(2)
X(6)*PO(2)
ns
MMC2
tW(clkL)
Typical pulse duration, output clk low
Y(7)*PO(2)
Y(7)*PO(2)
ns
tdc(clk)
Duty cycle error, output clk
1041.7
2083.3
ps
tJ(clk)
Jitter standard deviation(3), output clk
200
200
ps
MMC1 Interface (1.8-V IO)
tR(clk)
Rise time, output clk
3
3
ns
tF(clk)
Fall time, output clk
3
3
ns
tR(data)
Rise time, output data
3
3
ns
tF(data)
Fall time, output data
3
3
ns
MMC5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
3.7
14.1
4.1
34.5
ns
transition
MMC6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_dat[n:0](5) transition
MMC1 Interface (3.0-V IO)
tR(clk)
Rise time, output clk
3
3
ns
tF(clk)
Fall time, output clk
3
3
ns
tR(data)
Rise time, output data
3
3
ns
tF(clk)
Fall time, output data
3
3
ns
MMC5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to mmc1_cmd
3.7
14.1
4.1
34.5
ns
transition
MMC6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_dat[n:0](5) transition
(1) Related with the output clock maximum and minimum frequencies programmable in MMC module.
(2) PO = output clock period in ns
(3) The jitter probability density can be approximated by a Gaussian function.
(4) Corresponding figures showing timing parameters are common with the Standard MMC mode figures.
(5) In MMC1_dat[n:0], n is equal to 3.
(6) The X parameter is defined as follows:
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(7) The Y parameter is defined as follows:
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
All required details about clock division factor CLKD can be found in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
(8) See Section 4.3.4, Processor Clocks.
256
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com