công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 134 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 130Page - Texas Instruments DM3725CUS Datasheet HTML 131Page - Texas Instruments DM3725CUS Datasheet HTML 132Page - Texas Instruments DM3725CUS Datasheet HTML 133Page - Texas Instruments DM3725CUS Datasheet HTML 134Page - Texas Instruments DM3725CUS Datasheet HTML 135Page - Texas Instruments DM3725CUS Datasheet HTML 136Page - Texas Instruments DM3725CUS Datasheet HTML 137Page - Texas Instruments DM3725CUS Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 280 page
background image
Device
sys_xtalin
sys_xtalgnd
sys_xtalout
Cf1
Cf2
Crystal
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
4.1.2
sys_xtalin / sys_xtalout External Crystal
An external crystal is connected to the device pins. Figure 4-2 describes the crystal implementation.
Figure 4-2. Crystal Implementation
1. When the crystal oscillator is in bypass mode (crystal implementation is unused), the sys_xtalgnd ball
is not connected.
The crystal must be in the fundamental mode of operation and parallel resonant. Table 4-2 summarizes
the required electrical constraints.
Table 4-2. Crystal Electrical Characteristics(1)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency(1)
12, 13, 16.8, or 19.2
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
(2)
Frequency 12 MHz , Negative resistor at nominal 500
Ω, Negative
100
Ω
resistor at worst case 300
Ω
Frequency 13 MHz, Negative resistor at nominal 400
Ω, Negative
80
Ω
resistor at worst case 240
Ω
Frequency 16.8 MHz and 19.2 MHz, Negative resistor at nominal
60
Ω
300
Ω, Negative resistor at worst case 180 Ω
Co
Crystal shunt capacitance
4.5
pF
DL
Crystal drive level
0.5
mW
(1) Measured with the load capacitance specified by the crystal manufacturer. This load is defined by the foot capacitances tied in series. If
CL = 20 pF, then both foot capacitors will be Cf1 = Cf2 = 40 pF. Parasitic capacitance from package and board must also be taken in
account.
(2) The crystal motional resistance Rm is related to the equivalent series resistance (ESR) by the following formula:
ESR = Rm * (1 + (CO * Cf1 * Cf2 / (Cf1 + Cf2)))
2.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
134
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com