công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 133 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 129Page - Texas Instruments DM3725CUS Datasheet HTML 130Page - Texas Instruments DM3725CUS Datasheet HTML 131Page - Texas Instruments DM3725CUS Datasheet HTML 132Page - Texas Instruments DM3725CUS Datasheet HTML 133Page - Texas Instruments DM3725CUS Datasheet HTML 134Page - Texas Instruments DM3725CUS Datasheet HTML 135Page - Texas Instruments DM3725CUS Datasheet HTML 136Page - Texas Instruments DM3725CUS Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
The device operation requires the following three input clocks:
•
The sys_32k 32-kHz clock is used for low frequency operation. It supplies the wake-up domain for
operation in lowest power mode (off mode). This clock is provided through the sys_32k pin.
•
The sys_altclk system alternative clock can be used (through the sys_altclk pin) to provide alternative
48 MHz or 54 MHz.
•
The sys_xtalin / sys_xtalout system input clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz) is used to
generate the main source clock of the device. It supplies the DPLLs as well as several other modules.
The system input clock can be connected to either:
– A crystal oscillator clock managed by sys_xtalin and sys_xtalout. In this case, the sys_clkreq is
used as an input (GPIN).
– A CMOS digital clock through the sys_xtalin pin. In this case, the sys_clkreq is used as an output to
request the external system clock.
The device outputs externally two clocks:
•
sys_clkout1 can output the oscillator clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz) at any time. It can be
controlled by software or externally using sys_clkreq control. When the device is in the off state, the
sys_clkreq can be asserted to enable the oscillator and activate the sys_clkout1 without waking up the
device. The off state polarity of sys_clkout1 is programmable.
•
sys_clkout2 can output the oscillator clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz), core_clk (core DPLL
output), 96 MHz or 54 MHz. It can be divided by 2, 4, 8, or 16 and its off state polarity is
programmable. This output is active only when the core power domain is active.
4.1
Input Clock Specifications
4.1.1
Input Clock Requirements
Table 4-1 illustrates the requirements to supply a clock to the device.
Table 4-1. Input Clock Requirements (4)
PAD
CLOCK FREQUENCY
STABILITY
DUTY CYCLE
JITTER
TRANSITION
sys_32k
32.768 kHz
+/- 200 ppm
-
-
<10 ns
sys_xtalout
12, 13, 16.8, or 19.2 MHz
Crystal
±50 ppm (±5
-
-
-
sys_xtalin
ppm)(1)
12, 13, 16.8, 19.2, 26, or 38.4 MHz
Square
±50 ppm (±5
45% to 55%
X%(2) *
10 ns
ppm)(1)
tc(xtalin)(3) -
200ps
sys_altclk
48 or 54 MHz
+/-50 ppm
49% to 51%
<1%
10 ns
(1)
± 50 ppm is the clock frequency stability/accuracy and ± 5 ppm takes into account the aging effects.
(2) Depending on the internal system clock divider configuration (PRCM.PRM_CLKSRC_CTRL[7:6], SYSCLKDIV bit field), the sys_xtalin
input clock can be divided by 2 to provide the standard system clock (SYS_CLK) frequencies.
For more information, see the Power, Reset, and Clock Management chapter of the AM/DM37x Multimedia Device Technical Reference
Manual (SPRUGN4). In X%, X represents then the internal system clock divider with following possible values: X = 1 or 2.
(3) tc(xtalin) is the sys_xtalin cycle time of the clock coming to sys_xtalin ball.
(4) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
133
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com