công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 136 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 132Page - Texas Instruments DM3725CUS Datasheet HTML 133Page - Texas Instruments DM3725CUS Datasheet HTML 134Page - Texas Instruments DM3725CUS Datasheet HTML 135Page - Texas Instruments DM3725CUS Datasheet HTML 136Page - Texas Instruments DM3725CUS Datasheet HTML 137Page - Texas Instruments DM3725CUS Datasheet HTML 138Page - Texas Instruments DM3725CUS Datasheet HTML 139Page - Texas Instruments DM3725CUS Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 280 page
background image
SWPS038-008
sys_xtalin
OSC0
OSC1
OSC1
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 4-5 details the squarer input clock timing requirements.
Table 4-5. sys_xtalin Squarer Input Clock Timing Requirements
—Bypass Mode (5)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
OCS0
1 / tc(xtalin)
Frequency, sys_xtalin
12, 13, 16.8, 19.2, 26, or 38.4
MHz
OCS1
tw(xtalin)
Pulse duration, sys_xtalin low or high
0.45 * tc(xtalin)
0.55 * tc(xtalin)
ns
tJ(xtalin)
Peak-to-peak jitter(1), sys_xtalin
X%(2) *
ps
tc(xtalin) (3) -
200
tR(xtalin)
Rise time, sys_xtalin
10
ns
tF(xtalin)
Fall time, sys_xtalin
10
ns
tJ(xtalin)
Frequency stability, sys_xtalin
+/-50
ppm
(+/-5ppm)(4)
(1)
–
Peak-to-peak jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period Maximum and
minimum are obtained on a statistical population of 300 period samples and expressed relative to the expected clock period
(2) Depending on the internal system clock divider configuration (PRCM.PRM_CLKSRC_CTRL[7:6], SYSCLKDIV bit field), the sys_xtalin
input clock can be divided by 2 to provide the standard system clock (SYS_CLK) frequencies. For more information, see the Power,
Reset, and Clock Management chapter of the AM/DM37x Multimedia Device Technical Reference Manual (SPRUGN4). In X%, X
represents then the internal system clock divider with following possible values: X = 1 or 2.
(3) tc(xtalin) is the sys_xtalin cycle time of the clock coming to sys_xtalin ball.
(4)
±50 ppm is the clock frequency stability/accuracy and ±5 ppm takes into account the aging effects.
(5) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-3. sys_xtalin Squarer Input Clock
4.1.4
sys_32k CMOS Input Clock
Table 4-6 summarizes the electrical characteristics of the sys_32k input clock.
Table 4-6. sys_32k Input Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_32k
32.768
kHz
Ci
Input capacitance
1.6
pF
Ri
Input resistance
3
106
M
Ω
Table 4-7 details the input requirements of the sys_32k input clock.
Table 4-7. sys_32k Input Clock Timing Requirements(1)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(32k)
Frequency, sys_32k
32.768
kHz
tR(32k)
Rise time, sys_32k
10
ns
tF(32k)
Fall time, sys_32k
10
ns
tJ(32k)
Frequency stability, sys_32k
200
ppm
136
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com