công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 135 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 131Page - Texas Instruments DM3725CUS Datasheet HTML 132Page - Texas Instruments DM3725CUS Datasheet HTML 133Page - Texas Instruments DM3725CUS Datasheet HTML 134Page - Texas Instruments DM3725CUS Datasheet HTML 135Page - Texas Instruments DM3725CUS Datasheet HTML 136Page - Texas Instruments DM3725CUS Datasheet HTML 137Page - Texas Instruments DM3725CUS Datasheet HTML 138Page - Texas Instruments DM3725CUS Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 4-3 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 4-3. Oscillator Switching Characteristics
—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
12, 13, 16.8, or 19.2
MHz
tsX
Start-up time(1) (2)
3
ms
(1) Start-up time is defined as the time the oscillator takes to gain sys_xtalin amplitude enough to have 45% to 55% duty cycle at the core
input from the time power down (PWRDN) is released. Start-up time is a strong function of crystal parameters. At power-on reset, the
time is adjustable using the pin itself. The reset must be released when the oscillator or clock source is stable. To switch from bypass
mode to crystal or from crystal mode to bypass mode, there is a waiting time about 100
μs; however, if the chip comes from bypass
mode to crystal mode then the crystal will start-up after time mentioned in the tsX parameter.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a square wave. The switching time in this case is about 100
μs.
4.1.3
sys_xtalin Squarer Input Clock
Table 4-4 summarizes the base oscillator electrical characteristics.
Table 4-4. Oscillator Electrical Characteristics
—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
12, 13, 16.8, 19.2, 26, or 38.4
MHz
Ci
Input Capacitance
1.00
1.15
1.35
pF
Ri
Input Resistance
160
216
280
Ω
tsX
Start-up time(1)
See(2)
ms
(1) To switch from bypass mode to crystal mode or from crystal mode to bypass mode, there is a waiting time about 100
μs; however, if the
chip comes from bypass mode to crystal mode then the crystal will start-up after time mentioned in Table 4-3, tsX parameter above.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a square wave. The switching time in this case is about 100
μs.
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
135
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com