công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 130 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 126Page - Texas Instruments DM3725CUS Datasheet HTML 127Page - Texas Instruments DM3725CUS Datasheet HTML 128Page - Texas Instruments DM3725CUS Datasheet HTML 129Page - Texas Instruments DM3725CUS Datasheet HTML 130Page - Texas Instruments DM3725CUS Datasheet HTML 131Page - Texas Instruments DM3725CUS Datasheet HTML 132Page - Texas Instruments DM3725CUS Datasheet HTML 133Page - Texas Instruments DM3725CUS Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 280 page
background image
vdds, vdds_mem,
vdds_sram,
vdda_wkup_bg_bb
vdda_dplls_dll,
vdda_dpll_per
vdd_core
vdd_mpu_iva
sys_32k
sys_xtalin
sys_nrespwron
sys_nreswarm
vdds_mmc1,
vdds_x, vdda_dac
1.8 V
1.1 V
(1)
1.1 V
(1)
1.8 V
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
(1)
1.2 V supported.
(2)
If an external square clock is provided, it could be started after sys_nrespwron release, provided it is clean, i.e. no glitch, stable
frequency and duty cycle.
(3)
sys_32k can be turned on any time between the vdds ramp-up and the sys_nrespwron release.
Figure 3-2. Power-Up Sequence
3.5.2
Power-Down Sequence
The following steps give two examples of power-down sequence supported by the DM37x device.
1. Put the DM37x device under reset (sys_nrespwron)
2. Stop all signals driven to its balls (sys_32k, sys_xtalin)
3. Either:
(a) Shutdown all power domains at once. This sequence is described in black color in Figure 3-3.
(b) Or, if the shutdown is sequenced, you must follow these steps (described in dash style blue color
in Figure 3-3):
– Turn off all complex IO domains (vdds_mmc1, vdds_x)
– Turn off all the core and MPU domains (vdd_core, vdd_mpu_iva)
– Turn off all DPLL domains (vdda_dplls_dll, vdda_dpll_per)
– Turn off all sram LDOs (vdds_sram)
– Turn off all reference domains (vdda_wkup_bg_bb)
– Turn off all standard IO domains (vdds, vdds_mem)
Figure 3-3 shows both power-down sequences: one of them is described in black color, and the other one
in dash style blue.
130
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com