công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM163006 bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện DM163006
Giải thích chi tiết về linh kiện  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 47Page - Microchip Technology DM163006 Datasheet HTML 48Page - Microchip Technology DM163006 Datasheet HTML 49Page - Microchip Technology DM163006 Datasheet HTML 50Page - Microchip Technology DM163006 Datasheet HTML 51Page - Microchip Technology DM163006 Datasheet HTML 52Page - Microchip Technology DM163006 Datasheet HTML 53Page - Microchip Technology DM163006 Datasheet HTML 54Page - Microchip Technology DM163006 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 51
PIC18C601/801
EXAMPLE 4-5:
COMBINATION UNLOCK MACRO EXAMPLE CODE
FIGURE 4-7:
THE DATA MEMORY MAP FOR PIC18C801/601 (PGRM = 0)
UNLOCK_N_MODIFY @REG
MACRO
BCF INTCON, GIE
; Disable interrupts
BSF PSPCON, CMLK1
BSF PSPCON, CMLK0
MOVWF @REG
; Modify given register
BSF INTCON, GIE
; Enable interrupts
ENDM
•
•
MOVLW 5Ah
; Preload WREG for OSCCON register
UNLOCK_N_MODIFY OSCCON
; Modify OSCCON
Bank 0
Bank 1
Bank 14
Bank 15
Data Memory Map
BSR<3:0>
= 0000b
= 0001b
= 1111b
080h
07Fh
F80h
FFFh
When a = 0,
the BSR is ignored and this
Access RAM bank is used.
The first 128 bytes are General
Purpose RAM (from Bank 0).
The next 128 bytes are Special
Function Registers (from
Bank 15).
When a = 1,
the BSR is used to specify
the RAM location that the
instruction uses.
Bank 3
Bank 2
F7Fh
F00h
EFFh
3FFh
300h
2FFh
200h
1FFh
100h
0FFh
000h
= 0011b
= 0010b
Access GPR’s
FFh
00h
FFh
00h
FFh
00h
FFh
00h
FFh
00h
GPR
GPR
GPR
GPR
Access SFR’s
Unused
Bank 6
to
Unused
Read ’00h’
= 1110b
= 0110b
5FFh
500h
4FFh
400h
FFh
00h
FFh
00h
00h
7Fh
FFh
Access RAM Bank
Access Bank High
Access Bank Low
(GPR’s)
(SFR’s)
80h
Bank 4
= 0100b
Bank 5
= 0101b
GPR
GPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com