công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM163006 bảng dữ liệu(PDF) 36 Page - Microchip Technology

tên linh kiện DM163006
Giải thích chi tiết về linh kiện  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 bảng dữ liệu(HTML) 36 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 32Page - Microchip Technology DM163006 Datasheet HTML 33Page - Microchip Technology DM163006 Datasheet HTML 34Page - Microchip Technology DM163006 Datasheet HTML 35Page - Microchip Technology DM163006 Datasheet HTML 36Page - Microchip Technology DM163006 Datasheet HTML 37Page - Microchip Technology DM163006 Datasheet HTML 38Page - Microchip Technology DM163006 Datasheet HTML 39Page - Microchip Technology DM163006 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 320 page
background image
PIC18C601/801
DS39541A-page 36
Advance Information
 2001 Microchip Technology Inc.
CCPR2H
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
601
801
--00 0000
--00 0000
--uu uuuu
TMR3H
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
601
801
0000 0000
uuuu uuuu
uuuu uuuu
SPBRG
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
RCREG
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXREG
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXSTA
601
801
0000 -01x
0000 -01u
uuuu -uuu
RCSTA
601
801
0000 000x
0000 000u
uuuu uuuu
IPR2
601
801
-1-- 1111
-1-- 1111
-u-- uuuu
PIR2
601
801
-1-- 0000
-1-- 0000
-u-- uuuu(1)
PIE2
601
801
-1-- 0000
-1-- 0000
-u-- uuuu
IPR1
601
801
1111 1111
1111 1111
uuuu uuuu
601
801
-111 1111
-111 1111
-uuu uuuu
PIR1
601
801
0000 0000
0000 0000
uuuu uuuu(1)
601
801
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
601
801
0000 0000
0000 0000
uuuu uuuu
601
801
-000 0000
-000 0000
-uuu uuuu
MEMCON
601
801
0000 --00
0000 --00
uuuu --uu
TRISJ
601
801
1111 1111
1111 1111
uuuu uuuu
TRISH
601
801
1111 1111
1111 1111
uuuu uuuu
TRISG
601
801
---1 1111
---1 1111
---u uuuu
TRISF
601
801
1111 1111
1111 1111
uuuu uuuu
TRISE
601
801
1111 1111
1111 1111
uuuu uuuu
TRISD
601
801
1111 1111
1111 1111
uuuu uuuu
TRISC
601
801
1111 1111
1111 1111
uuuu uuuu
TRISB
601
801
1111 1111
1111 1111
uuuu uuuu
TRISA
601
801
--11 1111
--11 1111
--uu uuuu
LATG
601
801
---x xxxx
---u uuuu
---u uuuu
LATF
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATE
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Over/Underflow Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain ‘0’
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (00008h or 00018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH, and TOSL are
updated with the current value of the PC. The SKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: This is not a physical register. It is an indirect pointer that addresses another register. The contents
returned is the value contained in the addressed register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com