công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM163006 bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện DM163006
Giải thích chi tiết về linh kiện  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 21Page - Microchip Technology DM163006 Datasheet HTML 22Page - Microchip Technology DM163006 Datasheet HTML 23Page - Microchip Technology DM163006 Datasheet HTML 24Page - Microchip Technology DM163006 Datasheet HTML 25Page - Microchip Technology DM163006 Datasheet HTML 26Page - Microchip Technology DM163006 Datasheet HTML 27Page - Microchip Technology DM163006 Datasheet HTML 28Page - Microchip Technology DM163006 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 25
PIC18C601/801
REGISTER 2-1:
OSCCON REGISTER
2.6.2
OSCILLATOR TRANSITIONS
PIC18C601/801 devices contain circuitry to prevent
"glitches" when switching between oscillator sources.
Essentially, the circuitry waits for eight rising edges of
the clock source that the processor is switching to.
This ensures that the new clock source is stable and
that its pulse width will not be less than the shortest
pulse width of the two clock sources.
A timing diagram indicating the transition from the main
oscillator to the Timer1 oscillator is shown in Figure 2-6.
The Timer1 oscillator is assumed to be running all the
time. After the SCS0 bit is set, the processor is frozen
at the next occurring Q1 cycle. After eight synchroniza-
tion cycles are counted from the Timer1 oscillator, oper-
ation resumes. No additional delays are required after
the synchronization cycles.
The sequence of events that takes place when switch-
ing from the Timer1 oscillator to the main oscillator will
depend on the mode of the main oscillator. In addition
to eight clock cycles of the main oscillator, additional
delays may take place.
If the main oscillator is configured for an external crys-
tal (HS, LP), the transition will take place after an oscil-
lator start-up time (TOST) has occurred. A timing
diagram indicating the transition from the Timer1 oscil-
lator to the main oscillator for HS and LP modes is
shown in Figure 2-7.
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
LOCK
PLLEN
SCS1
SCS0
bit 7
bit 0
bit 7-4
Unimplemented: Read as '0'
bit 3
LOCK: Phase Lock Loop Lock Status bit
1
= Phase Lock Loop output is stable as system clock
0
= Phase Lock Loop output is not stable and cannot be used as system clock
bit 2
PLLEN: Phase Lock Loop Enable bit
1
= Enable Phase Lock Loop output as system clock
0
= Disable Phase Lock Loop
bit 1
SCS1: System Clock Switch bit 1
When PLLEN and LOCK bit are set:
1
= Use PLL output
0
= Use primary oscillator/clock input pin
When PLLEN bit or LOCK bit is cleared:
Bit is forced clear
bit 0
SCS0: System Clock Switch bit 0
When T1OSCEN bit is set:
1
= Switch to Timer1 oscillator/clock pin
0
= Use primary oscillator/clock input pin
When T1OSCEN is cleared:
Bit is forced clear
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com