công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 299 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 299 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 295Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 296Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 297Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 298Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 299Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 300Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 301Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 302Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 303Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
295
15
D POR re-arm voltage8
VPOR
0.9
1.4
2.0
V
16
D POR re-arm time9
tPOR
10
—
—
μs
17
P Low-voltage detection threshold —
high range
VDD falling
VDD rising
VLVD1
3.9
4.0
4.0
4.1
4.1
4.2
V
18
Low-voltage detection threshold —
low range
VDD falling
VDD rising
VLVD0
2.48
2.54
2.56
2.62
2.64
2.70
V
P
19
Low-voltage warning threshold —
high range 1
VDD falling
VDD rising
VLVW3
.
4.5
4.6
4.6
4.7
4.7
4.8
V
P
20
Low-voltage warning threshold —
high range 0
VDD falling
VDD rising
VLVW2
4.2
4.3
4.3
4.4
4.4
4.5
V
P
21
Low-voltage warning threshold
low range 1
VDD falling
VDD rising
VLVW1
2.84
2.90
2.92
2.98
3.00
3.06
V
P
22
Low-voltage warning threshold —
low range 0
VDD falling
VDD rising
VLVW0
2.66
2.72
2.74
2.80
2.82
2.88
V
P
23
T Low-voltage inhibit reset/recover
hysteresis
Vhys
5 V
—
100
—
mV
3 V
—
60
—
24
P Bandgap Voltage Reference
10
VBG
1.18
1.20
1.21
V
1 Typical values are measured at 25°C. Characterized, not tested.
2 When IRQ or a pin interrupt is configured to detect rising edges, pulldown resistors are used in place of pullup resistors.
3 The specified resistor value is the actual value internal to the device. The pullup value may measure higher when measured
externally on the pin.
4 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn >VDD) is greater than IDD, the injection current may flow out of VDD and could result
in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or if
clock rate is very low (which would reduce overall power consumption).
5 All functional non-supply pins are internally clamped to V
SS and VDD.
6 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
7 The RESET pin does not have a clamp diode to V
DD. Do not drive this pin above VDD.
8 Maximum is highest voltage that POR will occur.
9 Simulated, not tested
10 Factory trimmed at V
DD = 5.0 V, Temp = 25°C
Table A-6. DC Characteristics (continued)
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com