công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 297 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 297 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 293Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 294Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 295Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 296Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 297Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 298Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 299Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 300Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
293
A.5
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early
CMOS circuits, normal handling precautions should be used to avoid exposure to static discharge.
Qualification tests are performed to ensure that these devices can withstand exposure to reasonable levels
of static without suffering any permanent damage.
All ESD testing is in conformity with AEC-Q100 Stress Test Qualification for Automotive Grade
Integrated Circuits. During the device qualification ESD stresses were performed for the human body
model (HBM) and the charge device model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
Table A-4. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human
Body
Series resistance
R1
1500
Ω
Storage capacitance
C
100
pF
Number of pulses per pin
—
3
Latch-up
Minimum input voltage limit
– 2.5
V
Maximum input voltage limit
7.5
V
Table A-5. ESD and Latch-Up Protection Characteristics
No.
Rating1
1 Parameter is achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted.
Symbol
Min
Max
Unit
1
Human body model (HBM)
VHBM
± 2000
—
V
2
Charge device model (CDM)
VCDM
± 500
—
V
3
Latch-up current at TA = 125°CILAT
± 100
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com