công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 298 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 294Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 295Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 296Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 297Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 298Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 299Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 300Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 301Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
294
Freescale Semiconductor
A.6
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
Table A-6. DC Characteristics
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit
1
— Operating voltage
VDD
—
2.7
—
5.5
V
2
C
All I/O pins,
5 V, ILoad = –4 mA
VDD – 1.5
—
—
P
low-drive strength
5 V, ILoad = –2 mA
VDD – 0.8
—
—
C Output high
VOH
3 V, ILoad = –1 mA
VDD – 0.8
—
—
V
C voltage
5 V, ILoad = –20 mA
VDD – 1.5
—
—
P
All I/O pins,
5 V, ILoad = –10 mA
VDD – 0.8
—
—
C
high-drive strength
3 V, ILoad = –5 mA
VDD – 0.8
—
—
3C
Output high
current
Max total IOH for
all ports
IOHT
VOUT < VDD
0
—
–100
mA
4
C
All I/O pins
5 V, ILoad = 4 mA
—
—
1.5
P
low-drive strength
5 V, ILoad = 2 mA
—
—
0.8
C Output low
VOL
3 V, ILoad = 1 mA
—
—
0.8
V
C voltage
5 V, ILoad = 20 mA
—
—
1.5
P
All I/O pins
5 V, ILoad = 10 mA
—
—
0.8
C
high-drive strength
3 V, ILoad = 5 mA
—
—
0.8
5C
Output low
current
Max total IOL for all ports
IOLT
VOUT > VSS
0
—
100
mA
6
P Input high voltage; all digital inputs
VIH
5V
0.65 x VDD
——
V
C
3V
0.7 x VDD
——
7
P Input low voltage; all digital inputs
VIL
5V
—
—
0.35 x VDD
V
C
3V
—
—
0.35 x VDD
8
C Input hysteresis
Vhys
0.06 x VDD
mV
9
P Input leakage current (per pin)
|I
In
|
VIn = VDD or VSS
—
0.1
1
μA
10
P
Hi-Z (off-state) leakage current
(per pin)
input/output port pins
|I
OZ
|
VIn = VDD or VSS,
—
0.1
1
μA
PTB5/IRQ/TCLK/RESET,
PTB6/SDA/XTAL pins
VIn = VDD or VSS
—0.2
2
μA
11
Pullup or Pulldown2 resistors; when
enabled
P
I/O pins RPU,RPD
17
37
52
k
Ω
C
RESET3
RPU
17
37
52
k
Ω
12
D DC injection current 4, 5, 6, 7
Single pin limit
VIN > VDD
0—2
mA
IIC
VIN < VSS,
0
—
–0.2
mA
Total MCU limit, includes
VIN > VDD
0
—
25
mA
sum of all stressed pins
VIN < VSS,0
—
–5
mA
13
D Input Capacitance, all pins
CIn
——
8
pF
14
D RAM retention voltage
VRAM
—
0.6
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com