công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 302 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 302 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 298Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 299Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 300Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 301Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 302Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 303Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 304Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 305Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
298
Freescale Semiconductor
A.7
Supply Current Characteristics
This section includes information about power supply current in various operating modes.
Table A-7. Supply Current Characteristics
Num
C
Parameter
Symbol
VDD
(V)
Typ1
Max2
Unit
1
C
Run supply current
3
measured at
(CPU clock = 4 MHz, fBus = 2 MHz)
RIDD
5
1.1
1.5
mA
C
3
1
1.5
2
P
Run supply current
3
measured at
(CPU clock = 16 MHz, fBus = 8 MHz)
RIDD
5
3.9
5
mA
C
3
3.9
5
3
C
Run supply current4 measured at
(CPU clock = 32 MHz, fBus = 16 MHz)
RIDD
5
7.25
7.7
mA
C
3
7.15
7.6
4
Stop3 mode supply current
S3I
DD
C
–40
°C (C & M suffix )
5
1.1
—
μA
P25
°C (All parts)
1.5
—
P5
85
°C (C suffix only )
9.0
26
P5
125
°C (M suffix only)
45.2
130
C
C and M suffix –40
°C
3
1.0
—
μA
C
All parts 25
°C
1.4
—
C
C suffix only 85
°C
7.8
19
C
M suffix only 125
°C
40.1
95
5
Stop2 mode supply current
S2I
DD
C
C and M suffix –40
°C
5
1.1
—
μA
P
All parts 25
°C
1.4
—
P5
C suffix only 85
°C
6.8
22
P5
M suffix only 125
°C
32.7
99
C
C and M suffix –40
°C
3
1.0
—
μA
C
All parts 25
°C
1.3
—
C
C suffix only 85
°C
5.8
16
C
M suffix only 125
°C
28.3
76
6C
RTC adder to stop2 or stop36
S23I
DDRTI
5
300
500
nA
3
300
500
nA
7
C
LVD adder to stop3 (LVDE = LVDSE = 1)
S3I
DDLVD
5
110
180
μA
3
90
160
μA
8C
Adder to stop3 for oscillator enabled7
(EREFSTEN =1)
S3I
DDOSC
5,
3
58
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com