công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 303 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 299Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 300Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 301Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 302Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 303Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 304Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 305Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 306Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
299
Figure A-5. Typical Run IDD vs. Bus Frequency (VDD = 5V)
1 Typical values are based on characterization data at 25°C. See Figure A-5 through Figure A-7 for typical curves
across voltage/temperature.
2 Max values in this column apply for the full operating temperature range of the device unless otherwise noted.
3 All modules except ADC active, ICS configured for FBE, and does not include any dc loads on port pins.
4 All modules except ADC active, ICS configured for FEI, and does not include any dc loads on port pins.
5 Stop currents are tested in production for 25°C on all parts. Tests at other temperatures depend upon the part
number suffix and maturity of the product. Freescale may eliminate a test insertion at a particular temperature
from the production test flow once sufficient data has been collected and is approved.
6 Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher
current wait mode.
7 Values given under the following conditions: low range operation (RANGE = 0) with a 32.768kHz crystal and low
power mode (HGO = 0).
fbus (MHz)
8
4
2
1
016
0
2
4
10
20
6
8
FEI
FBELP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com