công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 307 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 307 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 303Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 304Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 305Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 306Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 307Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 308Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 309Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 310Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 341 page
background image
Appendix A Electrical Characteristics
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
303
A.9
Internal Clock Source (ICS) Characteristics
Table A-9. ICS Frequency Specification (Temperature Range = –40 to 125°C Ambient)
Nu
m
C
Rating
Symbol
Min
Typical
Max
Unit
1P
Internal reference frequency - factory trimmed
at VDD = 5 V and temperature = 25°C
fint_ft
—
31.25
—
kHz
2P Internal reference frequency - untrimmed1
1 TRIM register at default value (0x80) and FTRIM control bit at default value (0x0).
fint_ut
25
36
41.66
kHz
3
P Internal reference frequency - user trimmed
fint_t
31.25
—
39.0625
kHz
4
D Internal reference startup time
tirefst
—
55
100
μs
5—
DCO output frequency range - untrimmed1
value provided for reference: fdco_ut = 1024 × fint_ut
fdco_ut
25.6
36.86
42.66
MHz
6
D DCO output frequency range - trimmed
fdco_t
32
—
40
MHz
7D
Resolution of trimmed DCO output frequency at fixed
voltage and temperature (using FTRIM)
Δfdco_res_t
—
± 0.1
± 0.2
%fdco
8D
Resolution of trimmed DCO output frequency at fixed
voltage and temperature (not using FTRIM)
Δfdco_res_t
—
± 0.2
± 0.4
%fdco
9D
Total deviation from actual trimmed DCO output
frequency over voltage and temperature
Δfdco_t
—
+ 0.5
– 1.0
± 2
%fdco
10
D
Total deviation of trimmed DCO output frequency over
fixed voltage and temperature range of 0
°C to 70 °C
Δfdco_t
—
± 0.5
± 1
%fdco
11
D FLL acquisition time 2
2 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed or changing
from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as the reference,
this specification assumes it is already running.
tacquire
1ms
12
D DCO output clock long term jitter (over 2mS interval) 3
3 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
BUS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage for a
given interval.
CJitter
—
0.02
0.2
%fdco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com