| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-21486KSWZ-2AB bảng dữ liệu(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB bảng dữ liệu(HTML) 30 Page - Analog Devices |
|
30 / 68 page ![]() Rev. B | Page 30 of 68 | March 2013 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 Precision Clock Generator (Direct Pin Routing) This timing is only valid when the SRU is configured such that the precision clock generator (PCG) takes its inputs directly from the DAI pins (via pin buffers) and sends its outputs directly to the DAI pins. For the other cases, where the PCG’s inputs and outputs are not directly routed to/from DAI pins (via pin buffers), there is no timing data available. All timing param- eters and switching characteristics apply to external DAI pins (DAI_P01 – DAI_P20). Table 29. Precision Clock Generator (Direct Pin Routing) Parameter Min Max Unit Timing Requirements tPCGIW Input Clock Period tPCLK × 4 ns tSTRIG PCG Trigger Setup Before Falling Edge of PCG Input Clock 4.5 ns tHTRIG PCG Trigger Hold After Falling Edge of PCG Input Clock 3ns Switching Characteristics tDPCGIO PCG Output Clock and Frame Sync Active Edge Delay After PCG Input Clock 2.5 10 ns tDTRIGCLK PCG Output Clock Delay After PCG Trigger 2.5 + (2.5 × tPCGIP) 10 + (2.5 × tPCGIP)ns tDTRIGFS PCG Frame Sync Delay After PCG Trigger 2.5 + ((2.5 + D – PH) × tPCGIP) 10 + ((2.5 + D – PH) × tPCGIP)ns tPCGOW 1 Output Clock Period 2 × tPCGIP – 1 ns D = FSxDIV, PH = FSxPHASE. For more information, see the ADSP-214xx SHARC Processor Hardware Reference, “Precision Clock Generators” chapter. 1 Normal mode of operation. Figure 16. Precision Clock Generator (Direct Pin Routing) DAI_Pn DPI_Pn PCG_TRIGx_I DAI_Pm DPI_Pm PCG_EXTx_I (CLKIN) DAI_Py DPI_Py PCG_CLKx_O DAI_Pz DPI_Pz PCG_FSx_O tDTRIGFS tDTRIGCLK tDPCGIO tSTRIG tHTRIG tPCGOW tDPCGIO tPCGIP |