| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-21486KSWZ-2AB bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 68 page ![]() ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 Rev. B | Page 27 of 68 | March 2013 Interrupts The following timing specification applies to the FLAG0, FLAG1, and FLAG2 pins when they are configured as IRQ0, IRQ1, and IRQ2 interrupts, as well as the DAI_P20–1 and DPI_P14–1 pins when they are configured as interrupts. Core Timer The following timing specification applies to FLAG3 when it is configured as the core timer (TMREXP). Table 23. Interrupts Parameter Min Max Unit Timing Requirement tIPW IRQx Pulse Width 2 × tPCLK +2 ns Figure 10. Interrupts INTERRUPT INPUTS tIPW Table 24. Core Timer Parameter Min Max Unit Switching Characteristic tWCTIM TMREXP Pulse Width 4 × tPCLK – 1 ns Figure 11. Core Timer FLAG3 (TMREXP) tWCTIM |