| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F220E/MC bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 86 page ![]() PIC10F220/222 DS41270E-page 14 © 2007 Microchip Technology Inc. 4.3 Data Memory Organization Data memory is composed of registers or bytes of RAM. Therefore, data memory for a device is specified by its register file. The register file is divided into two functional groups: Special Function Registers (SFR) and General Purpose Registers (GPR). The Special Function Registers include the TMR0 reg- ister, the Program Counter (PCL), the STATUS register, the I/O register (GPIO) and the File Select Register (FSR). In addition, Special Function Registers are used to control the I/O port configuration and prescaler options. The General Purpose Registers are used for data and control information under command of the instructions. For the PIC10F220, the register file is composed of 9 Special Function Registers and 16 General Purpose Registers (Figure 4-3, Figure 4-4). For the PIC10F222, the register file is composed of 9 Special Function Registers and 23 General Purpose Registers (Figure 4-4). 4.3.1 GENERAL PURPOSE REGISTER FILE The General Purpose Register file is accessed, either directly or indirectly, through the File Select Register (FSR). See Section 4.9 “Indirect Data Addressing; INDF and FSR Registers”. FIGURE 4-3: PIC10F220 REGISTER FILE MAP FIGURE 4-4: PIC10F222 REGISTER FILE MAP 4.3.2 SPECIAL FUNCTION REGISTERS The Special Function Registers (SFRs) are registers used by the CPU and peripheral functions to control the operation of the device (Table 4-1). The Special Function Registers can be classified into two sets. The Special Function Registers associated with the “core” functions are described in this section. Those related to the operation of the peripheral features are described in the section for each peripheral feature. File Address 00h 01h 02h 03h 04h 05h 06h 07h 10h INDF(1) TMR0 PCL STATUS FSR OSCCAL GPIO General Purpose Registers Note 1: Not a physical register. See Section 4.9 “Indirect Data Addressing; INDF and FSR Registers”. 2: Unimplemented, read as 00h. 08h ADCON0 0Fh 1Fh Unimplemented(2) ADRES 09h File Address 00h 01h 02h 03h 04h 05h 06h 07h 1Fh INDF(1) TMR0 PCL STATUS FSR OSCCAL GPIO Note 1: Not a physical register. See Section 4.9 “Indirect Data Addressing; INDF and FSR Registers”. 08h ADRES 09h ADCON0 General Purpose Registers |