| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F220E/MC bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 86 page ![]() © 2007 Microchip Technology Inc. DS41270E-page 39 PIC10F220/222 FIGURE 8-6: WATCHDOG TIMER BLOCK DIAGRAM TABLE 8-4: SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER 8.7 Time-out Sequence, Power-down and Wake-up from Sleep Status Bits (TO/PD/GPWUF/CWUF) The TO, PD and GPWUF bits in the STATUS register can be tested to determine if a Reset condition has been caused by a Power-up condition, a MCLR, Watchdog Timer (WDT) Reset or wake-up on pin change. TABLE 8-5: TO/PD/GPWUF STATUS AFTER RESET Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on All Other Resets N/A OPTION GPWU GPPU T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 Legend: Shaded boxes = Not used by Watchdog Timer, – = unimplemented, read as ‘0’, u = unchanged. (Figure 6-5) Postscaler Note 1: T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register. WDT Time-out Watchdog Timer From Timer0 Clock Source WDT Enable Configuration Bit PSA Postscaler 8-to-1 MUX PS<2:0> (Figure 6-4) To Timer0 0 1 M U X 1 0 PSA MUX 3 GPWUF TO PD Reset Caused By 00 0 WDT wake-up from Sleep 00 u WDT time-out (not from Sleep) 01 0 MCLR wake-up from Sleep 01 1 Power-up 0u u MCLR not during Sleep 11 0 Wake-up from Sleep on pin change Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition. Note 1: The TO, PD and GPWUF bits maintain their status (u) until a Reset occurs. A low-pulse on the MCLR input does not change the TO, PD or GPWUF Status bits. |