| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F220E/MC bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 86 page ![]() PIC10F220/222 DS41270E-page 38 © 2007 Microchip Technology Inc. 8.5 Device Reset Timer (DRT) On the PIC10F220/222 devices, the DRT runs any time the device is powered up. The DRT operates on an internal oscillator. The pro- cessor is kept in Reset as long as the DRT is active. The DRT delay allows VDD to rise above VDD min. and for the oscillator to stabilize. The on-chip DRT keeps the devices in a Reset condi- tion for approximately 1.125 ms after MCLR has reached a logic high (VIH MCLR) level. Programming GP3/MCLR/VPP as MCLR and using an external RC network connected to the MCLR input is not required in most cases. This allows savings in cost-sensitive and/ or space restricted applications, as well as allowing the use of the GP3/MCLR/VPP pin as a general purpose input. The Device Reset Time delays will vary from chip-to- chip due to VDD, temperature and process variation. See AC parameters for details. Reset sources are POR, MCLR, WDT time-out and wake-up on pin change. See Section 8.9.2 “Wake-up from Sleep”, Notes 1, 2 and 3. TABLE 8-3: DRT (DEVICE RESET TIMER PERIOD) 8.6 Watchdog Timer (WDT) The Watchdog Timer (WDT) is a free running on-chip RC oscillator, which does not require any external components. This RC oscillator is separate from the internal 4/8 MHz oscillator. This means that the WDT will run even if the main processor clock has been stopped, for example, by execution of a SLEEP instruc- tion. During normal operation or Sleep, a WDT Reset or wake-up Reset, generates a device Reset. The TO bit (STATUS<4>) will be cleared upon a Watchdog Timer Reset. The WDT can be permanently disabled by program- ming the configuration WDTE as a ‘0’ (see Section 8.1 “Configuration Bits”). Refer to the PIC10F220/222 Programming Specification to determine how to access the Configuration Word. 8.6.1 WDT PERIOD The WDT has a nominal time-out period of 18 ms, (with no prescaler). If a longer time-out period is desired, a prescaler with a division ratio of up to 1:128 can be assigned to the WDT (under software control) by writ- ing to the OPTION register. Thus, a time-out period of a nominal 2.3 seconds can be realized. These periods vary with temperature, VDD and part-to-part process variations (see DC specs). Under worst-case conditions (VDD = Min., Temperature = Max., max. WDT prescaler), it may take several seconds before a WDT time-out occurs. 8.6.2 WDT PROGRAMMING CONSIDERATIONS The CLRWDT instruction clears the WDT and the postscaler, if assigned to the WDT, and prevents it from timing out and generating a device Reset. The SLEEP instruction resets the WDT and the postscaler, if assigned to the WDT. This gives the maximum Sleep time before a WDT wake-up Reset. POR Reset Subsequent Resets 1.125 ms (typical) 10 μs (typical) |