| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F220E/MC bảng dữ liệu(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F220E/MC bảng dữ liệu(HTML) 31 Page - Microchip Technology |
|
31 / 86 page ![]() © 2007 Microchip Technology Inc. DS41270E-page 29 PIC10F220/222 7.0 ANALOG-TO-DIGITAL (A/D) CONVERTER The A/D converter allows conversion of an analog signal into an 8-bit digital signal. 7.1 Clock Divisors The A/D Converter has a single clock source setting, INTOSC/4. The A/D Converter requires 13 TAD periods to complete a conversion. The divisor values do not affect the number of TAD periods required to perform a conversion. The divisor values determine the length of the TAD period. 7.2 Voltage Reference Due to the nature of the design, there is no external voltage reference allowed for the A/D Converter. The A/D Converter reference voltage will always be VDD. 7.3 Analog Mode Selection The ANS<1:0> bits are used to configure pins for ana- log input. Upon any Reset ANS<1:0> defaults to 11. This configures pins AN0 and AN1 as analog inputs. Pins configured as analog inputs are not available for digital output. Users should not change the ANS bits while a conversion is in process. ANS bits are active regardless of the condition of ADON. 7.4 A/D Converter Channel Selection The CHS bits are used to select the analog channel to be sampled by the A/D Converter. The CHS bits should not be changed during a conversion. To acquire an analog signal, the CHS selection must match one of the pin(s) selected by the ANS bits. The Internal Absolute Voltage Reference can be selected regardless of the condition of the ANS bits. All channel selection information will be lost when the device enters Sleep. 7.5 The GO/DONE bit The GO/DONE bit is used to determine the status of a conversion, to start a conversion and to manually halt a conversion in process. Setting the GO/DONE bit starts a conversion. When the conversion is complete, the A/ D Converter module clears the GO/DONE bit. A con- version can be terminated by manually clearing the GO/DONE bit while a conversion is in process. Manual termination of a conversion may result in a partially converted result in ADRES. The GO/DONE bit is cleared when the device enters Sleep, stopping the current conversion. The A/D Con- verter does not have a dedicated oscillator, it runs off of the system clock. The GO/DONE bit cannot be set when ADON is clear. 7.6 Sleep This A/D Converter does not have a dedicated A/D Converter clock and therefore no conversion in Sleep is possible. If a conversion is underway and a Sleep command is executed, the GO/DONE and ADON bit will be cleared. This will stop any conversion in process and power-down the A/D Converter module to con- serve power. Due to the nature of the conversion pro- cess, the ADRES may contain a partial conversion. At least 1 bit must have been converted prior to Sleep to have partial conversion data in ADRES. The CHS bits are reset to their default condition and CHS<1:0> = 11. For accurate conversions, TAD must meet the following: • 500 ns < TAD < 50 μs •TAD = 1/(FOSC/divisor) TABLE 7-1: EFFECTS OF SLEEP AND WAKE ON ADCON0 Note: Due to the fixed clock divisor, a conversion will complete in 13 CPU instruction cycles. Note: The A/D Converter module consumes power when the ADON bit is set even when no channels are selected as analog inputs. For low-power applications, it is recommended that the ADON bit be cleared when the A/D Converter is not in use. ANS1 ANS0 CHS1 CHS0 GO/DONE ADON Prior to Sleep xxxx00 Prior to Sleep xxxx11 Entering Sleep Unchanged Unchanged 1100 Wake 111100 |