| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP3SE110 bảng dữ liệu(PDF) 41 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SE110 bảng dữ liệu(HTML) 41 Page - Altera Corporation |
|
41 / 341 page ![]() Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics 1–31 I/O Timing © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 Preliminary and Final Timing Timing models can have either preliminary or final status. The Quartus II software issues an informational message during design compilation if the timing models are preliminary. Table 1–36 lists the status of the Stratix III device timing models. Preliminary status means that the timing models are subject to change in future Quartus II releases. Initially, timing numbers are created using simulation results, process data, and other known parameters. Parts of the timing models may be correlated to silicon measurements. Various tests are used to make the preliminary numbers as close to the actual timing parameters as possible. Final timing models are based on simulation models that are characterized versus the actual device measurements under all allowable operating conditions. When the timing models are final, all or most of the Stratix III family devices have been completely characterized and no further changes to the timing model are expected. I/O Timing Measurement Methodology Altera characterizes timing delays at the worst-case process, minimum voltage, and maximum temperature for input register setup time (tsu) and hold time (th). The Quartus II software uses the following equations to calculate tsu and th timing for the Stratix III devices input signals. tsu = + data delay from the input pin to the input register + micro setup time of the input register - clock delay from the input pin to the input register th = - data delay from the input pin to the input register + micro hold time of the input register + clock delay from the input pin to the input register Table 1–36. Timing Model Status for Stratix III Devices Device Preliminary Final EP3SL50 — v EP3SL70 — v EP3SL110 — v EP3SL150 — v EP3SL200 — v EP3SL340 — v EP3SE50 — v EP3SE80 — v EP3SE110 — v EP3SE260 — v |