| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP3SE110 bảng dữ liệu(PDF) 9 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SE110 bảng dữ liệu(HTML) 9 Page - Altera Corporation |
|
9 / 341 page ![]() © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 Section I. DC & Switching Characteristics of Stratix III Devices When Stratix® III devices are implemented in a system, they are rated according to a set of defined parameters. To maintain the highest possible performance and reliability of Stratix III devices, system designers must consider the operating requirements discussed in the following chapter: ■ Chapter 1, Stratix III Device Datasheet: DC and Switching Characteristics Revision History Refer to each chapter for its own specific revision history. For information on when each chapter was updated, refer to the Chapter Revision Dates section, which appears in the full handbook. |