công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E2E2 bảng dữ liệu(PDF) 43 Page - Omron Electronics LLC

tên linh kiện E2E2
Giải thích chi tiết về linh kiện  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 bảng dữ liệu(HTML) 43 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 39Page - Omron Electronics LLC E2E2 Datasheet HTML 40Page - Omron Electronics LLC E2E2 Datasheet HTML 41Page - Omron Electronics LLC E2E2 Datasheet HTML 42Page - Omron Electronics LLC E2E2 Datasheet HTML 43Page - Omron Electronics LLC E2E2 Datasheet HTML 44Page - Omron Electronics LLC E2E2 Datasheet HTML 45Page - Omron Electronics LLC E2E2 Datasheet HTML 46Page - Omron Electronics LLC E2E2 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
43
Fig. 36: E2E-CR8
@@-M5
M8 (3 pin) Connector Models
(Shielded)
Fig. 37: E2E-X1
@@-M5
4 dia.
35
8
25
20
M8
× 1
M8, 3-pin connector
M8, 3-pin connector
Operating indicator
M8
× 1
Operating indicator
10 dia.
35
25
20
19.0
Two clamping
nuts
Two toothed washers
M5
× 0.5
Fig. 28: E2E-X2D
@-M3G/E2E-X1R5E@-M3/F@-M3
M8 Connector Models
(Shielded)
M8 Connector Models
(Unshielded)
Fig. 29: E2E-X4MD
@-M3G/E2E-X2ME@-M3/F@-M3
Note:
D Models: Operation indicator (red), setting indicator (green)
E, F Model: Operation indicator (red)
Note:
D Models: Operation indicator (red), setting indicator (green)
E, F Model: Operation indicator (red)
15 dia.
3
13
26
8
31
39
M8
× 1
M8
× 1
Indicator (See note.)
Toothed washer
Two clamping nuts
15 dia.
6.1 dia.
3
6
13
26
8
31
39
M8
× 1
M8
× 1
Indicator (See note.)
Toothed washer
Two clamping nuts
Fig. 30: E2E-X3D1-M1GJ
E2E-X3D1-M1J-T
Pre-wired M12 Connector Models
Fig. 31: E2E-X8MD1-M1GJ
Fig. 32: E2E-X7D1-M1GJ
E2E-X7D1-M1J-T
4-dia. vinyl-insulated round cable,
Standard length: 0.3 m
4-dia. vinyl-insulated round cable,
Standard length: 0.3 m
6-dia. vinyl-insulated round cable,
Standard length: 0.3 m
21 dia.
4
17
33
10
38
9
M12
× 1
Operation Indicator (red),
setting indicator (green)
Toothed washer
Two clamping nuts
M12
× 1
M12
× 1
M12
× 1
21 dia.
9 dia.
4
7
17
33
10
38
9
M12
× 1
Operation indicator (red),
setting indicator (green)
Toothed washer
Two clamping nuts
29 dia.
4
24
38
10
43
12
M18
× 1
Operation indicator (red),
setting indicator (green)
Toothed washer
Two clamping nuts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com