công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E2E2 bảng dữ liệu(PDF) 36 Page - Omron Electronics LLC

tên linh kiện E2E2
Giải thích chi tiết về linh kiện  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 bảng dữ liệu(HTML) 36 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 32Page - Omron Electronics LLC E2E2 Datasheet HTML 33Page - Omron Electronics LLC E2E2 Datasheet HTML 34Page - Omron Electronics LLC E2E2 Datasheet HTML 35Page - Omron Electronics LLC E2E2 Datasheet HTML 36Page - Omron Electronics LLC E2E2 Datasheet HTML 37Page - Omron Electronics LLC E2E2 Datasheet HTML 38Page - Omron Electronics LLC E2E2 Datasheet HTML 39Page - Omron Electronics LLC E2E2 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
E2E/E2E2 Cylindrical Proximity Sensor
Wiring
High-tension Lines
Wiring through Metal Conduit
If there is a power or high-tension line near the cable of the Proximity
Sensor, wire the cable through an independent metal conduit to
prevent against Proximity Sensor damage or malfunctioning.
Cable Tractive Force
Do not pull on cables with tractive forces exceeding the following.
Mounting
The Proximity Sensor must not be subjected to excessive shock with
a hammer when it is installed, otherwise the Proximity Sensor may
be damaged or lose its water-resistivity.
Environment
Water Resistivity
Do not use the Proximity Sensor underwater, outdoors, or in the rain.
Operating Environment
Be sure to use the Proximity Sensor within its operating ambient
temperature range and do not use the Proximity Sensor outdoors so
that its reliability and life expectancy can be maintained. Although
the Proximity Sensor is water resistive, a cover to protect the
Proximity Sensor from water or water soluble machining oil is
recommended so that its reliability and life expectancy can be
maintained.
Do not use the Proximity Sensor in an environment with chemical
gas (e.g., strong alkaline or acid gasses including nitric, chromic,
and concentrated sulfuric acid gases).
Connecting Load to AC/DC 2-wire Sensor
Refer to the following before using AC or DC 2-wire Proximity
Sensors.
Surge Protection
Although the Proximity Sensor has a surge absorption circuit, if there
is any machine that has a large surge current (e.g., a motor or
welding machine) near the Proximity Sensor, connect a surge
absorber to the machine.
Leakage Current
When the Proximity Sensor is OFF, the Proximity Sensor has
leakage current. Refer to page 17 and page 20 Leakage Current
Characteristics. In this case, the load is imposed with a small voltage
and the load may not be reset. Before using the Proximity Sensor,
make sure that this voltage is less than the load reset voltage. The
AC 2-wire Proximity Sensor cannot be connected to any card-lift-off
relay (e.g., the G2A) because contact vibration of the relay will be
caused by the leakage current and the life of the relay will be
shortened.
Loads with Large Inrush Currents
(E2E-X
@T@)
Connecting a load that has a large inrush current (e.g., a lamp or
motor) may result in a malfunction due to the inrush current causing
a load short-circuit.
Countermeasures Against Leakage Current
AC 2-wire Models
Connect a bleeder resistor as the bypass for the leakage current so
that the current flowing into the load will be less than the load reset
current.
As shown in the following diagram, connect the bleeder resistor so
that the current flowing into the Proximity Sensor will be 10 mA
minimum and the residual voltage imposed on the load will be less
than the load reset voltage.
Refer to the following to calculate the bleeder resistance and the
allowable power of the bleeder resistor.
R
≤ V
S/(10 – I) (kΩ)
P > V
S
2/R (mW)
P: The allowable power of the bleeder resistor. (The actual power
capacity of the bleeder resistor must be at least a few times as
large as the allowable power of the bleeder resistor.)
I:
Load current (mA)
The following resistors are recommended.
100 VAC (supply voltage): A resistor with a resistance of 10 k
Ω
maximum and an allowable power of 3 W minimum
200 VAC (supply voltage): A resistor with a resistance of 20 k
Ω
maximum and an allowable power of 10 W minimum
If these resistors generate excessive heat, use a resistor with a
resistance of 10 k
Ω maximum and an allowable power of 5 W
minimum at 100 VAC and a resistor with a resistance of 20 k
Ω
maximum and an allowable power of 10 W minimum at 200 VAC
instead.
DC 2-wire Models
Connect a bleeder resistor as the bypass for the leakage current so
that the current flowing into the load will be less than the load reset
current.
Refer to the following to calculate the bleeder resistance and the
allowable power of the bleeder resistor.
R
≤ V
S/(iR – iOFF) (kΩ)
P > V
S
2/R (mW)
P:
The allowable power of the bleeder resistor. (The actual power
capacity of the bleeder resistor must be at least a few times as
large as the allowable power of the bleeder resistor.)
i
R:
Leakage current of Sensors (mA)
i
OFF:
Release current of load (mA)
The following resistors are recommended.
12 VDC (supply voltage): A resistor with a resistance of 15 k
Ω
maximum and an allowable power of 450 mW minimum
24 VDC (supply voltage): A resistor with a resistance of 30 k
Ω
maximum and an allowable power of 0.1 W minimum
Diameter
Tractive force
4 dia. max.
30 N max.
4 dia. min.
50 N max.
Load
Bleeder resistor R
VAC power
supply VS
Load
Bleeder resistor R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com