công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E2E2 bảng dữ liệu(PDF) 41 Page - Omron Electronics LLC

tên linh kiện E2E2
Giải thích chi tiết về linh kiện  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 bảng dữ liệu(HTML) 41 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 37Page - Omron Electronics LLC E2E2 Datasheet HTML 38Page - Omron Electronics LLC E2E2 Datasheet HTML 39Page - Omron Electronics LLC E2E2 Datasheet HTML 40Page - Omron Electronics LLC E2E2 Datasheet HTML 41Page - Omron Electronics LLC E2E2 Datasheet HTML 42Page - Omron Electronics LLC E2E2 Datasheet HTML 43Page - Omron Electronics LLC E2E2 Datasheet HTML 44Page - Omron Electronics LLC E2E2 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
41
Pre-wired Models
(Shielded)
Pre-wired Models
(Unshielded)
Fig. 11: E2E-X2Y
@
Fig. 12: E2E-X5MY
@
Fig. 13: E2E-X3T1
Fig. 14: E2E-X7D
@-N/
E2E-X5E
@/F@
E2E-X5Y
@/E2E-X7T1
Fig. 15: E2E-X14MD
@/
E2E-X10ME
@/F@
E2E-X10MY
@
Fig. 16: E2E-X10D
@-N/
E2E-X10E
@/F@
E2E-X10Y
@/
E2E-X10T1
Fig. 17: E2E-X20MD
@/
E2E-X18ME
@/F@
E2E-X18MY
@
4-dia. vinyl-insulated round cable with
2 conductors (Conductors cross section:
0.3 mm
2, Insulator diameter: 1.3 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
4-dia. vinyl-insulated round cable with 2 conductors
(Conductors cross section: 0.3 mm
2,
Insulator diameter: 1.3 mm),
Standard length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
Note: Operation indicator (red), setting indicator
(green)
4-dia. vinyl-insulated round cable
with 2 conductors (Conductors
cross section: 0.3 mm
2,
Insulator diameter: 1.3 mm),
Standard length: 2 m
The cable can be extended up to
200 m (separate metal conduit).
6-dia. vinyl-insulated round cable with
2 conductors (D, Y, T Models)/3
conductors (D
@S, E, F Models)
(Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm)
Standard length: 2 m
Robotics cable Models: 6-dia. vinyl-
insulated round cable with 2 conductors
(D Models)/3 conductors (E Models)
(Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.74 mm)
Standard length: 2 m
The cable can be extended (separate
metal conduit) up to 200 m (control
output) or up to 100 m (diagnostic
output).
Note: D, T Models: Operation indicator (red),
setting indicator (green);
E, F, Y Models: Operation indicator (red)
Note: D, T Models: Operation indicator (red),
setting indicator (green);
E,F,Y Models: Operation indicator (red)
6-dia. vinyl-insulated round cable with
2 conductors (D, Y, T Models)/3 conductors
(D
@S, E, F Models) (Conductor cross section:
0.5 mm
2, Insulator diameter: 1.9 mm)
Standard length: 2 m
Robotics cable models: 6-dia. vinyl-insulated
round cable with 2 conductors (D Models)/
3 conductors (E Models) (Conductor cross
section: 0.5 mm
2, Insulator diameter: 1.74 mm)
Standard length: 2 m
The cable can be extended (separate metal
conduit) up to 200 m (control output) or up to
100 m (diagnostic output).
Note: D Models: Operation indicator (red),
setting indicator (green);
E, F, Y Models:
Operation indicator (red)
6-dia. vinyl-insulated round
cable with 2 conductors (D, Y, T
Models)/3 conductors (D
@S, E, F
Models) (Conductor cross section:
0.5 mm
2, Insulator diameter: 1.9 mm),
Standard length: 2 m
Robotics cable Models: 6-dia. vinyl-
insulated round cable with
2 conductors (D Models)/3
conductors (E Models)
(Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.74 mm),
Standard length: 2 m
The cable can be extended
(separate metal conduit) up to 200 m
(control output) or up to 100 m
(diagnostic output).
Note: D Models:
Operation indicator (red),
setting indicator (green);
E, F, Y Models: Operation indicator (red)
6-dia. vinyl-insulated round cable
with 2 conductors (D, Y, T Models)/3
conductors (D
@S, E, F Models)
(Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm),
Standard length: 2 m
Robotics cable Models: 6-dia. vinyl-
insulated round cable with
2 conductors (D Models)/
3 conductors (E Models) (Conductor
cross section: 0.5 mm
2,
Insulator diameter: 1.74 mm),
Standard length: 2 m
The cable can be extended
(separate metal conduit) up to 200 m
(control output) or up to 100 m
(diagnostic output).
Pre-wired e-CON connector Model
1
15
2
3
4
5.9
15.6
Connector:
Product code 37104-2206-000FL
(Sumitomo 3M)
Pre-wired e-CON connector Model
1
15
2
3
4
5.9
15.6
Connector:
Product code 37104-2206-000FL
(Sumitomo 3M)
Pre-wired e-CON connector Model
1
15
2
3
4
5.9
15.6
Connector:
Product code
37104-2206-000FL
(Sumitomo 3M)
Pre-wired e-CON connector Model
1
15
2
3
4
5.9
15.6
Connector:
Product code
37104-2206-000FL
(Sumitomo 3M)
21 dia.
4
17
38
10
9
43
M12
× 1
Operation indicator (red)
Two clamping nuts
Toothed washer
21 dia.
9 dia.
4
7
17
38
10
9
43
M12
× 1
Operation indicator (red)
Two
clamping nuts
Toothed washer
M12
× 1
Indicator (See note.)
Two
clamping nuts
Toothed washer
4
21 dia.
17
55
10
9
60
M18
× 1
Indicator
(See note.)
Two
clamping nuts
Toothed washer
29 dia.
24
4
38
10
12
43
14.8 dia.
Indicator
(See note.)
M18
× 1
Two
clamping nuts
Toothed washer
29 dia.
24
4
38
10
12
43
10
M30
× 1.5
Indicator (See note.)
Two clamping nuts
Toothed washer
42 dia.
36
5
43
10
12
48
26.8 dia.
M30
× 1.5
Indicator
(See note.)
Two
clamping nuts
Toothed washer
42 dia.
36
5
43
13
10
12
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com