công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5039 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5039
Giải thích chi tiết về linh kiện  105V / 2A Half-Bridge Gate Drivers, Synchronous Rectifier Control Outputs with Programmable Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM5039 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM5039 Datasheet HTML 3Page - Texas Instruments LM5039 Datasheet HTML 4Page - Texas Instruments LM5039 Datasheet HTML 5Page - Texas Instruments LM5039 Datasheet HTML 6Page - Texas Instruments LM5039 Datasheet HTML 7Page - Texas Instruments LM5039 Datasheet HTML 8Page - Texas Instruments LM5039 Datasheet HTML 9Page - Texas Instruments LM5039 Datasheet HTML 10Page - Texas Instruments LM5039 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM5039
www.ti.com
SNVS621D – FEBRUARY 2010 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 20.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V unless otherwise
stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Voltage Feed-Forward (RAMP Pin)
RAMP comparator threshold
COMP current = 0
2.0
2.2
2.4
V
Synchronous Rectifier Drivers (SR1, SR2)
Output high voltage
IOUT = 10mA, VVCC - VSR1, VVCC - VSR2
0.25
0.1
V
Output low voltage
IOUT = 20 mA (sink)
0.07
0.2
V
Rise time
CLOAD = 1 nF
40
ns
Fall time
CLOAD = 1 nF
20
ns
Peak source current
VSR = 0, VVCC = 10V
0.5
A
Peak sink current
VSR = VVCC, VVCC = 10V
0.5
A
T1
Deadtime, SR1 falling to HO rising,
RDLY = 10k
33
ns
SR2 falling to LO rising
RDLY = 27.4k
65
88
118
ns
RDLY = 100k
300
ns
T2
Deadtime, HO falling to SR1 rising,
RDLY = 10k
12
ns
LO falling to SR2 rising
RDLY = 27.4k
20
29
42
ns
RDLY = 100k
80
ns
Thermal Shutdown
TSD
Shutdown temperature
165
°C
Hysteresis
20
°C
Thermal Resistance
θJA
Junction to ambient, 0 LFPM Air Flow
HTSSOP-20 package
40
°C/W
θJC
Junction to Case (EP) Thermal
HTSSOP-20 package
4
°C/W
resistance
θJA
Junction to ambient, 0 LFM Air Flow
WQFN-24 (4 mm x 5 mm)
40
°C/W
θJC
Junction to Case Thermal resistance
WQFN-24 (4 mm x 5 mm)
6
°C/W
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com