công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5039 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5039
Giải thích chi tiết về linh kiện  105V / 2A Half-Bridge Gate Drivers, Synchronous Rectifier Control Outputs with Programmable Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM5039 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM5039 Datasheet HTML 2Page - Texas Instruments LM5039 Datasheet HTML 3Page - Texas Instruments LM5039 Datasheet HTML 4Page - Texas Instruments LM5039 Datasheet HTML 5Page - Texas Instruments LM5039 Datasheet HTML 6Page - Texas Instruments LM5039 Datasheet HTML 7Page - Texas Instruments LM5039 Datasheet HTML 8Page - Texas Instruments LM5039 Datasheet HTML 9Page - Texas Instruments LM5039 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM5039
SNVS621D – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 20.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V unless otherwise
stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Under-voltage Standby Enable
UVLO voltage rising
0.4
V
Threshold
Current Sense Input (CS Pin)
VCS(th1)
Current Limit Threshold for Peak
0.570
0.6
0.630
V
cycle-by-cycle limiting
VCS(th2)
Current Limit Threshold for Average
0.475
0.5
0.525
V
current limiting
CS delay to output (peak cycle-by-
CS from zero to 1V. Time for HO and LO to
65
ns
cycle only)
fall to 90% of VCC. Output load = 0 pF.
Leading edge blanking time at CS
50
ns
CS sink impedance (clocked)
Internal FET on resistance
36
65
Average Current (ACL Pin)
IACL
Pull-down sink Impedance
28
Source Current
VCS > 0.525
7.3
9.3
11.3
mA
Current Limit Restart (RES Pin)
VRES
RES Threshold
2.4
2.5
2.6
V
Charge source current
VRES = 1.5V
16
22
28
µA
Discharge sink current
VRES = 1V
8
12
16
µA
Soft-Start (SS Pin)
ISS
Charging current in normal operation
VSS = 0
80
110
140
µA
Charging current during a hiccup
VSS = 0
0.6
1.2
1.8
µA
mode restart
Oscillator (RT Pin)
FSW1
Frequency 1(at HO, half oscillator
RRT = 25 kΩ
180
200
220
frequency)
FSW2
Frequency 2 (at HO, half oscillator
RRT = 8.76 kΩ
430
500
570
kHz
frequency)
FFoldback
Foldback frequency in current limit
RRT = 25 kΩ, 0.570<VCS > 0.525
66.7
kHz
IACL>35 µA
DC level
2
V
Input Sync threshold
2.5
3
3.4
V
PWM Controller (Comp Pin)
Delay to output
110
ns
VPWM-OS
SS to RAMP offset
0.7
1
1.2
V
Minimum duty cycle
SS = 0V
0
%
Small signal impedance
ICOMP = 400µA, COMP current to PWM
6000
voltage
Main Output Drivers (HO and LO Pins)
Output high voltage
IOUT = 50mA, VHB - VHO, VVCC - VLO
0.5
0.25
V
Output low voltage
IOUT = 100 mA
0.2
0.5
V
Rise time
CLOAD = 1 nF
15
ns
Fall time
CLOAD = 1 nF
13
ns
Peak source current
VHO,LO = 0V, VVCC = 10V
1.25
A
Peak sink current
VHO,LO = 10V, VVCC = 10V
2
A
HB Threshold
VCC rising
3.8
V
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com