công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9979BCPZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD9979BCPZ
Giải thích chi tiết về linh kiện  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD9979BCPZ Datasheet HTML 1Page - Analog Devices AD9979BCPZ Datasheet HTML 2Page - Analog Devices AD9979BCPZ Datasheet HTML 3Page - Analog Devices AD9979BCPZ Datasheet HTML 4Page - Analog Devices AD9979BCPZ Datasheet HTML 5Page - Analog Devices AD9979BCPZ Datasheet HTML 6Page - Analog Devices AD9979BCPZ Datasheet HTML 7Page - Analog Devices AD9979BCPZ Datasheet HTML 8Page - Analog Devices AD9979BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9979
Rev. C | Page 4 of 56
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = 1.8 V, fCLI = 65 MHz, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Comments
MASTER CLOCK (CLI)
See Figure 15
CLI Clock Period
tCONV
15.38
ns
CLI High/Low Pulse Width
tADC
6.9
7.7
8.9
ns
Delay from CLI Rising Edge to Internal
Pixel Position 0
tCLIDLY
5
ns
AFE
SHP Rising Edge to SHD Rising Edge
tS1
6.9
7.7
8.5
ns
See Figure 19
AFE Pipeline Delay
16
Cycles
See Figure 20
CLPOB Pulse Width (Programmable)1
tCOB
2
20
Pixels
HD Pulse Width
tCONV
ns
VD Pulse Width
1 HD period
ns
SERIAL INTERFACE
See Figure 56
Maximum SCK Frequency
fSCLK
40
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Rising Edge to SDATA Hold
tDH
10
ns
H-COUNTER RESET SPECIFICATIONS
See Figure 53
HD Pulse Width
tCONV
ns
VD Pulse Width
1 HD period
ns
VD Falling Edge to HD Falling Edge
tVDHD
0
VD period − tCONV
ns
HD Falling Edge to CLI Rising Edge
tHDCLI
3
tCONV − 2
ns
CLI Rising Edge to SHPLOC (Internal
Sample Edge)
tCLISHP
3
tCONV − 2
ns
TIMING CORE SETTING RESTRICTIONS
Inhibited Region for SHP Edge Location2
(See Figure 19)
tSHPINH
50
64/0
Edge location
Inhibited Region for SHP or SHD with
Respect to H-Clocks(See Figure 19)3, 4, 5, 6
RETIME = 0, MASK = 0
tSHDINH
H × NEGLOC − 15
H × NEGLOC − 0
Edge location
RETIME = 0, MASK = 1
tSHDINH
H × POSLOC − 15
H × POSLOC − 0
Edge location
RETIME = 1, MASK = 0
tSHPINH
H × NEGLOC − 15
H × NEGLOC − 0
Edge location
RETIME = 1, MASK = 1
tSHPINH
H × POSLOC − 15
H × POSLOC − 0
Edge location
Inhibited Region for DOUTPHASE Edge
Location (See Figure 19)
tDOUTINH
SHDLOC + 0
SHDLOC + 15
Edge location
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.
2 Only applies to slave mode operation. The inhibited area for SHP is needed to meet the timing requirements for tCLISHP for proper H-counter reset operation.
3 When 0x34[2:0] HxBLKRETIME bits are enabled, the inhibit region for SHD location changes to inhibit region for SHP location.
4 When sequence register 0x09[23:21] HBLK masking registers are set to 0, the H-edge reference becomes H × NEGLOC.
5 The H-clock signals that have SHP/SHD inhibit regions depends on the HCLK mode: Mode 1 = H1, Mode 2 = H1, H2, and Mode 3 = H1, H3.
6 These specifications apply when H1POL, H2POL, RGPOL, and HLPOL are all set to 1 (default setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com