công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3130 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MGC3130
Giải thích chi tiết về linh kiện  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MGC3130
DS41667A-page 18
Advance Information
 2012 Microchip Technology Inc.
4.2.4.5
Operation Modes Summary
Table 4-2 summarizes the MGC3130 operation modes.
4.2.5
POWER-UP/DOWN SEQUENCE
Figure 4-8 represents the power-up sequence timings
after a Reset or Deep Sleep state.
FIGURE 4-8:
POWER-UP SEQUENCE TIMINGS
TABLE 4-2:
OPERATION MODES SUMMARY
Mode
Entry
Exit
Comments
Processing
I2C™0/IRQ0/Approach/
MCLR/WDTR/SW Reset
GestIC® Library Message/Non-
Activity Time-out/WDTR
- Processing mode with up to five
electrodes continuously running
- Full positioning and
gesture-detection capabilities
Self Wake-up Time-out/GestIC® Library
Message
I2C™0/IRQ0/Wake-up Timer/
MCLR/WDTR
- Scan phase with a configurable
number of Rx active channels,
wake-up timer is used to resume
the system
- Approach detection capability
- Fast wake-up time
- Very low-power consumption
Deep Sleep
GestIC® Library Message
I2C™0/IRQ0/MCLR
- SPU halted, Analog Voltage
Regulator OFF, STEP-UP OFF,
Watchdog OFF
- No positioning or gesture
detection
- Extreme low-power consumption
- Needs trigger from application
host to switch into Self Wake-up or
Processing mode
LSO
SPU CLK
STEP-UP enable
SPU halted
SPU running
Power-Up
Processing operation
HSO enable
VREF enable
Reset or
Deep Sleep
tPWRT
tHSO
tSTEPUP
tSPUCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com