công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3130 bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện MGC3130
Giải thích chi tiết về linh kiện  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 26Page - Microchip Technology MGC3130 Datasheet HTML 27Page - Microchip Technology MGC3130 Datasheet HTML 28Page - Microchip Technology MGC3130 Datasheet HTML 29Page - Microchip Technology MGC3130 Datasheet HTML 30Page - Microchip Technology MGC3130 Datasheet HTML 31Page - Microchip Technology MGC3130 Datasheet HTML 32Page - Microchip Technology MGC3130 Datasheet HTML 33Page - Microchip Technology MGC3130 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MGC3130
DS41667A-page 30
Advance Information
 2012 Microchip Technology Inc.
9.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias ......................................................................................................... -20°C to +85°C
Storage temperature ........................................................................................................................ -55°C to +125°C
Voltage on VDD with respect to VSS .................................................................................................... -0.3V to +3.6V
Voltage on all other pins with respect to VSS ............................................................................ -0.3V to (VDD + 0.3V)
Total power dissipation ...................................................................................................................................100 mW
ESD protection on all pins .................................................................................................................................... 2 kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
† NOTICE: This device is sensitive to ESD damage and must be handled appropriately. Failure to properly handle
and protect the device in an application may cause partial to complete failure of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com