công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3130 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện MGC3130
Giải thích chi tiết về linh kiện  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology MGC3130 Datasheet HTML 12Page - Microchip Technology MGC3130 Datasheet HTML 13Page - Microchip Technology MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MGC3130
DS41667A-page 12
Advance Information
 2012 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
Microchip
Technology's
MGC3130
configurable
controller uses up to five E-field receiving electrodes.
Featuring a Signal Processing Unit (SPU), a wide
range of 3D gesture applications are being pre-
processed on the MGC3130, which allows short
development cycles.
Always-on 3D sensing, even for battery-driven mobile
devices, is enabled due to the chip's low-power design
and variety of programmable power modes. A Self
Wake-up mode triggers interrupts to the application
host reacting to interaction of a user with the device
and supporting the host system in overall power
reduction.
Featuring a programmable 4-pin digital interface, the
MGC3130
matches
a
multitude
of
hardware
requirements. Developers have the choice of data
exchange via I2C or SPI. Since the device provides two
I2C interfaces, developers have the option to set up a
master-slave architecture between two MGC3130
devices to add an additional sensing area (e.g., Two-
Zone Design) or a single MGC3130 and another circuit
with a corresponding interface, such as a touch screen
controller.
GestIC sensing electrodes are driven by a low-voltage
signal with a frequency in the range of 100 kHz, which
allows their electrical conductive structure to be made
of any low-cost material. Even the reuse of existing
conductive structures, such as a display's ITO coating,
is feasible, making the MGC3130 an overall, very cost-
effective system solution.
Figure 4-1 provides an overview of the main building
blocks of MGC3130. These blocks will be described in
the following sections.
FIGURE 4-1:
MGC3130 CONTROLLER BLOCK DIAGRAM
Host
Signal
Processing
Unit (SPU)
Power Management
Unit (PMU)
Internal clock
TX Signal Generation
External
Electrodes
Communication
control
I
2CTM
SPI
MGC3130
Controller
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
Signal
conditioning
ADC
FLASH
memory
IOs
Reset block
Voltage Reference
(VREF)
TXD
RX0
RX1
RX2
RX3
RX4
MCLR
SI0
SI1
SI2
SI3
EIO1
EIO2
EIO3
IS2
EIO0
Low-Power
Wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com