công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3130 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện MGC3130
Giải thích chi tiết về linh kiện  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 12Page - Microchip Technology MGC3130 Datasheet HTML 13Page - Microchip Technology MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MGC3130
DS41667A-page 16
Advance Information
 2012 Microchip Technology Inc.
4.2.4.4
MGC3130 Power Profile
The MGC3130 power profile is illustrated in Figure 4-5.
FIGURE 4-5:
MGC3130 POWER PROFILE
MGC3130 current consumption for the different
operation modes are summarized in Table 4-1.
The Processing mode current consumption depends
on the number of active Rx channels, NRxChannels, and
can be determined by Equation 4-1.
EQUATION 4-1:
PROCESSING MODE
CURRENT
CONSUMPTION
Wake-up IRQ from host
or I
²CTM start detected
Approach detected
No user interaction
(Time-out)
t
I
IDS
(1) =9µA
IPEAK
(1) =30mA
ISW1
(1) = 450 µA
Deep Sleep
Self Wake-up
Self Wake-up
Processing
IPEAK: Processing mode with 5 Rx Channels
ISW1: Self Wake-up with 150 ms Approach Scan and 10s Calibration Scan
ISW2: Self Wake-up with 150 ms Approach Scan and without Calibration Scan
IDS: Deep Sleep
(1) These are preliminary values @ 3.3V, typical
ISW2
(1) =45µA
TABLE 4-1:
CURRENT CONSUMPTION OVERVIEW
Mode
Current Consumption
Conditions
Processing mode
30 mA
VDD = 3.3V
5 Rx Channels activated
Self Wake-up mode
45 µA
VDD = 3.3V
No Calibration Scan
Approach Scan each 150 ms
450 µA
VDD = 3.3V
Calibration Scan each 10s
Approach Scan each 150 ms
Deep Sleep mode
9 µA
VDD = 3.3V
Ipeak
10
NRxChannels 4

+
mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com