công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3130 bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện MGC3130
Giải thích chi tiết về linh kiện  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology MGC3130 Datasheet HTML 23Page - Microchip Technology MGC3130 Datasheet HTML 24Page - Microchip Technology MGC3130 Datasheet HTML 25Page - Microchip Technology MGC3130 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MGC3130
DS41667A-page 22
Advance Information
 2012 Microchip Technology Inc.
6.0
INTERFACE DESCRIPTION(1)
The
MGC3130
supports
two
communication
interfaces: I2C and SPI.
6.1
Interface Selection
The MGC3130 interface selection pin, IS2, is used to
select I2C slave address. There are two different
addresses.
6.2
Extended Input Output (EIO)
The MGC3130 provides four input/output pins with
extended features. These pins are controlled by GestIC
Library and listed in Table 6-2.
6.3
Interrupt Requests
MGC3130 IRQ0 and IRQ1 interrupt lines are used by
the host to wake-up the MGC3130 from Deep Sleep
and Self Wake-up modes. If a wake-up event is
detected on IRQ0 or IRQ1 lines, the MGC3130
switches to the Processing mode.
6.4
Synchronization
The MGC3130 Tx signal can be output on the SYNC
pin. The SYNC pin can be also used as an ADC trigger
input. In future, this configuration is used for dual-zone
design implementations. The Tx signal is output on the
SYNC pin of the dual-zone master and connected to
the SYNC pin of the dual-zone slave.
6.5
Communication Interfaces
6.5.1
I2C
The MGC3130 supports two I2C interfaces. Only I2C0
is used in a single-zone configuration.
I2C0 and I2C1 features:
• Two ports: SCL0, SDA0 and SCL1, SDA1
• Master and Slave mode
• Up to 400 kHz
• 7-bit Addressing mode
• Hardware state machine for basic protocol
handling
• Support for repeated start and clock stretching
(Byte mode)
• No multi-master support
I2C Hardware Interface
A summary of the hardware interface pins is shown
below in Table 6-3.
•SCL Pin
- The SCL (Serial Clock) pin is electrically
open-drain and requires a pull-up resistor of
typically 1.8 kΩ (for a maximum bus load
capacitance of 200 pF), from SCL to VDD.
SCL Idle state is high.
•SDA Pin
- The SDA (Serial Data) pin is electrically
open-drain and requires a pull-up resistor of
typically 1.8 kΩ (for a maximum bus load
capacitance of 200 pF), from SDA to VDD.
- SDA Idle state is high.
- Master write data is latched in on SCL rising
edges.
- Master read data is latched out on SCL falling
edges to ensure it is valid during the
subsequent SCL high time.
I2C Addressing:
The MGC3130’s Device ID 7-bit address is: 0x42
(0b1000010) or 0x43 (0b1000011) depending on the
interface selection pin configuration (IS2). Please refer
to Table 6-4.
Note 1: Currently, only single-zone I2C™ Slave
mode with I2C0 is supported. Other
modes are planned for future releases of
GestIC® Library. Please contact your
Microchip
representative
for
further
details.
TABLE 6-1:
MGC3130 INTERFACE
SELECTION PINS
IS2
IS1
IS0
Mode (Address)
00
0
I2C™0 Slave Address 1 (0x42)
10
0
I2C™0 Slave Address 2 (0x43)
TABLE 6-2:
MGC3130 EXTENDED IOS
FUNCTIONS
Pin
Pin Number
Multiplexed Functions
EIO0
12
IS0
EIO1
13
IS1
EIO2
14
IRQ0
EIO3
19
IRQ1/SYNC
TABLE 6-3:
I2C™ PIN DESCRIPTION
MGC3130 Pin
Multiplexed Functions
SCL
Serial Clock to Master I2C™
SDA
Serial Data to Master I2C™
TABLE 6-4:
I2C™ DEVICE ID ADDRESS
Device ID Address, 7-bit
A6
A5
A4
A3
A2
A1
A0
1
0
000
1
IS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com