| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F747 bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F747 bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 280 page ![]() 2003-2013 Microchip Technology Inc. DS30498D-page 57 PIC16F7X7 FIGURE 5-8: BLOCK DIAGRAM OF RB0/INT/AN12 PIN FIGURE 5-9: BLOCK DIAGRAM OF RB1/AN10 PIN Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. Data Latch RBPU (1) P VDD Q D CK Q D CK Q D EN Data Bus WR PORTB WR TRISB RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin TRIS Latch To INT TTL Input Buffer Input Mode Analog Input Mode Analog To A/D Channel Input Input Mode Analog Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. Data Latch RBPU(1) P VDD Q D CK Q D CK Q D EN Data Bus WR PORTB WR TRISB RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin TRIS Latch TTL Input Buffer Input Mode Analog To A/D Channel Input Input Mode Analog |