công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F747 bảng dữ liệu(PDF) 40 Page - Microchip Technology

tên linh kiện PIC16F747
Giải thích chi tiết về linh kiện  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F747 bảng dữ liệu(HTML) 40 Page - Microchip Technology

Back Button PIC16F747 Datasheet HTML 36Page - Microchip Technology PIC16F747 Datasheet HTML 37Page - Microchip Technology PIC16F747 Datasheet HTML 38Page - Microchip Technology PIC16F747 Datasheet HTML 39Page - Microchip Technology PIC16F747 Datasheet HTML 40Page - Microchip Technology PIC16F747 Datasheet HTML 41Page - Microchip Technology PIC16F747 Datasheet HTML 42Page - Microchip Technology PIC16F747 Datasheet HTML 43Page - Microchip Technology PIC16F747 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 280 page
background image
PIC16F7X7
DS30498D-page 40
 2003-2013 Microchip Technology Inc.
4.6.5
CLOCK TRANSITION SEQUENCE
The following are three different sequences for
switching the internal RC oscillator frequency:
• Clock before switch: 31.25 kHz
(IRCF<2:0> = 000)
1. IRCF bits are modified to an INTOSC/INTOSC
postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. The IOFS bit is clear to indicate that the clock is
unstable and a 4 ms (approx.) delay is started.
Time dependent code should wait for IOFS to
become set.
5. Switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
 000)
1. IRCF
bits
are
modified
to
INTRC
(IRCF<2:0> = 000).
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. Oscillator switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
 000)
1. IRCF bits are modified to a different INTOSC/
INTOSC postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for
eight falling edges of requested clock, after
which it switches CLKO to this new clock
source.
4. The IOFS bit is set.
5. Oscillator switchover is complete.
4.6.6
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND CLOCK
SWITCHING
Table 4-3 shows the different delays invoked for
various clock switching sequences. It also shows the
delays invoked for POR and wake-up.
TABLE 4-3:
OSCILLATOR DELAY EXAMPLES
Clock Switch
Frequency
Oscillator Delay
Comments
From
To
Sleep/POR
INTRC
T1OSC
31.25 kHz
32.768 kHz
CPU Start-up(1)
Following a wake-up from Sleep mode
or POR, CPU start-up is invoked to
allow the CPU to become ready for
code execution.
INTOSC/INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.) and
CPU Start-up(1)
INTRC/
Sleep
EC, RC
DC – 20 MHz
INTRC
(31.25 kHz)
EC, RC
DC – 20 MHz
Sleep
LP, XT, HS
32.768 kHz-20 MHz
1024 Clock Cycles
Following a change from INTRC, the
OST count of 1024 cycles must occur.
INTRC
(31.25 kHz)
INTOSC/INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.)
Refer to Section 4.6.4 “Modifying the
IRCF Bits” for further details.
Note 1:
The 5
s-10 s start-up delay is based on a 1 MHz system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com