công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F747 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC16F747
Giải thích chi tiết về linh kiện  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F747 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC16F747 Datasheet HTML 31Page - Microchip Technology PIC16F747 Datasheet HTML 32Page - Microchip Technology PIC16F747 Datasheet HTML 33Page - Microchip Technology PIC16F747 Datasheet HTML 34Page - Microchip Technology PIC16F747 Datasheet HTML 35Page - Microchip Technology PIC16F747 Datasheet HTML 36Page - Microchip Technology PIC16F747 Datasheet HTML 37Page - Microchip Technology PIC16F747 Datasheet HTML 38Page - Microchip Technology PIC16F747 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 35
PIC16F7X7
4.4
RC Oscillator
For timing insensitive applications, the “RC” and “RCIO”
device options offer additional cost savings. The RC
oscillator frequency is a function of the supply voltage,
the resistor (REXT) and capacitor (CEXT) values and the
operating temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal
manufacturing variation. Furthermore, the difference in
lead frame capacitance between package types will also
affect the oscillation frequency, especially for low CEXT
values. The user also needs to take into account varia-
tion due to tolerance of external R and C components
used. Figure 4-4 shows how the R/C combination is
connected.
In the RC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal may
be used for test purposes or to synchronize other logic.
FIGURE 4-4:
RC OSCILLATOR MODE
The RCIO Oscillator mode (Figure 4-5) functions like
the RC mode, except that the OSC2 pin becomes an
additional general purpose I/O pin. The I/O pin
becomes bit 6 of PORTA (RA6).
FIGURE 4-5:
RCIO OSCILLATOR MODE
4.5
Internal Oscillator Block
The PIC16F7X7 devices include an internal oscillator
block which generates two different clock signals;
either can be used as the system’s clock source. This
can eliminate the need for external oscillator circuits on
the OSC1 and/or OSC2 pins.
The main output (INTOSC) is an 8 MHz clock source
which can be used to directly drive the system clock. It
also drives the INTOSC postscaler which can provide a
range of six clock frequencies, from 125 kHz to 4 MHz.
The other clock source is the internal RC oscillator
(INTRC) which provides a 31.25 kHz (32
s nominal
period) output. The INTRC oscillator is enabled by
selecting the INTRC as the system clock source or
when any of the following are enabled:
• Power-up Timer
• Watchdog Timer
• Two-Speed Start-up
• Fail-Safe Clock Monitor
These features are discussed in greater detail in
Section 15.0 “Special Features of the CPU”.
The clock source frequency (INTOSC direct, INTRC
direct or INTOSC postscaler) is selected by configuring
the IRCF bits of the OSCCON register (page 38).
OSC2/CLKO
CEXT
REXT
PIC16F7X7
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values: 3 k
  REXT  100 k
CEXT > 20 pF
CEXT
REXT
PIC16F7X7
OSC1
Internal
Clock
VDD
VSS
Recommended values: 3 k
  REXT  100 k
CEXT > 20 pF
I/O (OSC2)
RA6
Note:
Throughout this data sheet, when referring
specifically to a generic clock source, the
term “INTRC” may also be used to refer to
the
clock
modes
using
the
internal
oscillator block. This is regardless of
whether the actual frequency used is
INTOSC (8 MHz), the INTOSC postscaler
or INTRC (31.25 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com