công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F747 bảng dữ liệu(PDF) 28 Page - Microchip Technology

tên linh kiện PIC16F747
Giải thích chi tiết về linh kiện  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F747 bảng dữ liệu(HTML) 28 Page - Microchip Technology

Back Button PIC16F747 Datasheet HTML 24Page - Microchip Technology PIC16F747 Datasheet HTML 25Page - Microchip Technology PIC16F747 Datasheet HTML 26Page - Microchip Technology PIC16F747 Datasheet HTML 27Page - Microchip Technology PIC16F747 Datasheet HTML 28Page - Microchip Technology PIC16F747 Datasheet HTML 29Page - Microchip Technology PIC16F747 Datasheet HTML 30Page - Microchip Technology PIC16F747 Datasheet HTML 31Page - Microchip Technology PIC16F747 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 280 page
background image
PIC16F7X7
DS30498D-page 28
 2003-2013 Microchip Technology Inc.
2.2.2.8
PCON Register
The Power Control (PCON) register contains flag bits
to allow differentiation between a Power-on Reset
(POR), a Brown-out Reset (BOR), a Watchdog Reset
(WDT) and an external MCLR Reset.
REGISTER 2-8:
PCON: POWER CONTROL/STATUS REGISTER (ADDRESS 8Eh)
Note:
BOR is unknown on POR. It must be set
by the user and checked on subsequent
Resets to see if BOR is clear, indicating a
brown-out has occurred. The BOR status
bit is not predictable if the brown-out circuit
is disabled (by clearing the BOREN bit in
the Configuration Word register).
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
R/W-1
—
—
—
—
—
SBOREN
POR
BOR
bit 7
bit 0
bit 7-3
Unimplemented: Read as ‘0’
bit 2
SBOREN: Software Brown-out Reset Enable bit
If BORSEN in Configuration Word 2 is a ‘1’ and BOREN in Configuration Word 1 is ‘0’:
1
= BOR enabled
0
= BOR disabled
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com