công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F747 bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện PIC16F747
Giải thích chi tiết về linh kiện  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F747 bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button PIC16F747 Datasheet HTML 28Page - Microchip Technology PIC16F747 Datasheet HTML 29Page - Microchip Technology PIC16F747 Datasheet HTML 30Page - Microchip Technology PIC16F747 Datasheet HTML 31Page - Microchip Technology PIC16F747 Datasheet HTML 32Page - Microchip Technology PIC16F747 Datasheet HTML 33Page - Microchip Technology PIC16F747 Datasheet HTML 34Page - Microchip Technology PIC16F747 Datasheet HTML 35Page - Microchip Technology PIC16F747 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 280 page
background image
PIC16F7X7
DS30498D-page 32
 2003-2013 Microchip Technology Inc.
3.3
Reading the Flash Program
Memory
A program memory location may be read by writing two
bytes of the address to the PMADR and PMADRH reg-
isters and then setting control bit, RD (PMCON1<0>).
Once the read control bit is set, the microcontroller will
use the next two instruction cycles to read the data. The
data is available in the PMDATA and PMDATH
registers after the second NOP instruction; therefore, it
can be read as two bytes in the following instructions.
The PMDATA and PMDATH registers will hold this
value until the next read operation.
3.4
Operation During Code-Protect
Flash program memory has its own code-protect
mechanism. External read and write operations by
programmers are disabled if this mechanism is
enabled.
The microcontroller can read and execute instructions
out of the internal Flash program memory, regardless
of the state of the code-protect configuration bits.
EXAMPLE 3-1:
FLASH PROGRAM READ
TABLE 3-1:
REGISTERS ASSOCIATED WITH PROGRAM FLASH
BSF
STATUS, RP1
;
BCF
STATUS, RP0
; Bank 2
MOVF
ADDRH, W
;
MOVWF
PMADRH
; MSByte of Program Address to read
MOVF
ADDRL, W
;
MOVWF
PMADR
; LSByte of Program Address to read
BSF
STATUS, RP0
; Bank 3 Required
Required
BSF
PMCON1, RD
; EEPROM Read Sequence
Sequence
NOP
; memory is read in the next two cycles after BSF PMCON1,RD
NOP
;
BCF
STATUS, RP0
; Bank 2
MOVF
PMDATA, W
; W = LSByte of Program PMDATA
MOVF
PMDATH, W
; W = MSByte of Program PMDATH
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
10Dh
PMADR
EEPROM Address Register Low Byte
xxxx xxxx uuuu uuuu
10Fh
PMADRH
—
—
—
—
EEPROM Address Register High Byte ---- xxxx ---u uuuu
10Ch
PMDATA EEPROM Data Register Low Byte
xxxx xxxx uuuu uuuu
10Eh
PMDATH
—
—
EEPROM Data Register High Byte
--xx xxxx --uu uuuu
18Ch
PMCON1 reserved(1)
—
—
—
—
—
—
RD
1--- ---0 1--- ---0
Legend:
x
= unknown, u = unchanged, — = unimplemented, read as ‘0’. Shaded cells are not used during Flash access.
Note 1:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com