công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8903 bảng dữ liệu(PDF) 84 Page - Wolfson Microelectronics plc

tên linh kiện WM8903
Giải thích chi tiết về linh kiện  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 bảng dữ liệu(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
84
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8903 and outputting ADC data
from it. The digital audio interface uses four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRC: DAC and ADC data alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8903 operates as a master, or
inputs when it is a slave (see “Master And Slave Mode Operation” below).
Note that the BCLK pin can also support other functions, as described under “General Purpose
Input/Output (GPIO)”. BCLK is the default function on this pin (GP5_FN = 1h). Under default
conditions, the other GPIO control fields for this pin have no effect.
Four different audio data formats are supported:
Left justified
Right justified
I2S
DSP mode
All four of these modes are MSB first. They are described in “Audio Data Formats (Normal Mode)”
below. Refer to the “Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8903 can be
programmed to send and receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8903 digital audio interface can operate in master or slave mode, as shown in Figure 36 and
Figure 37.
Figure 36 Master Mode
Figure 37 Slave Mode
In master mode, BCLK is derived from CLK_SYS via a programmable division set by BCLK_DIV.
In master mode, LRC is derived from BCLK via a programmable division set by LRCLK_RATE. The
BCLK input to this divider may be internal or external, allowing mixed master and slave modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com