công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8903 bảng dữ liệu(PDF) 71 Page - Wolfson Microelectronics plc

tên linh kiện WM8903
Giải thích chi tiết về linh kiện  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 bảng dữ liệu(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
71
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (37h)
Analogue Spk
Mix Right 1
3
DACL_MIXSPKR_
VOL
0
Left DAC to Right Spkr Mixer
volume control
0 = 0dB
1 = -6dB
2
DACR_MIXSPKR
_VOL
0
Right DAC to Right Spkr Mixer
volume control
0 = 0dB
1 = -6dB
1
BYPASSL_MIXSP
KR_VOL
0
Left Analogue Input to Right Spkr
Mixer volume control
0 = 0dB
1 = -6dB
0
BYPASSR_MIXSP
KR_VOL
0
Right Analogue Input to Right Spkr
Mixer volume control
0 = 0dB
1 = -6dB
Table 45 Speaker Mixer Control
OUTPUT VOLUME CONTROL
Each analogue output can be independently controlled. The headphone output control fields are
described in Table 46. The line output control fields are described in Table 47. The differential line
output control fields are described in Table 48. The output pins are described in more detail in
“Analogue Outputs”.
The volume and mute status of each output can be controlled individually using the bit fields shown in
Table 46, Table 47 and Table 48.
To prevent “zipper noise” when a volume adjustment is made, a zero-cross function is provided on all
output paths. When this function is enabled, volume updates will not take place until a zero-crossing
is detected. In the event of a long period without zero-crossings, a timeout will apply. The timeout
must be enabled by setting the TO_ENA bit, as defined in “Clocking and Sample Rates”.
The volume update bits control the loading of the output driver volume data. For example, when
HPOUTVU is set to 0, the headphone volume data can be loaded into the respective control register,
but will not actually change the gain setting. The Left and Right headphone volume settings are
updated when a 1 is written to HPOUTVU. This makes it possible to update the gain of a Left/Right
pair of output paths simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com