công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8903 bảng dữ liệu(PDF) 37 Page - Wolfson Microelectronics plc

tên linh kiện WM8903
Giải thích chi tiết về linh kiện  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 bảng dữ liệu(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
37
ELECTRET CONDENSER MICROPHONE INTERFACE
Electret Condenser microphones may be connected as single-ended or differential inputs to the Input
PGAs described in the “Analogue Input Signal Path” section. The WM8903 provides a low-noise
reference voltage suitable for biasing electret condenser microphones.
The MICBIAS reference is provided on the MICBIAS pin. This reference voltage is enabled by setting
the MICBIAS_ENA register bit, as defined in Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Mic Bias
Control 0
0
MICBIAS_ENA
0
MICBIAS Enable
0 = disabled
1 = enabled
Table 6 MICBIAS Control
MICBIAS CURRENT DETECT
A MICBIAS Current Detect function is provided for external accessory detection. This is provided in
order to detect the insertion/removal of a microphone or the pressing/releasing of the microphone
‘hook’ switch; these events will cause a significant change in MICBIAS current flow, which can be
detected and used to generate a signal to the host processor.
The MICBIAS current detect function is enabled by setting the MICDET_ENA register bit. When this
function is enabled, two current thresholds can be defined, using the MICDET_THR and
MICSHORT_THR registers. When a change in MICBIAS current which crosses either threshold is
detected, then an interrupt event can be generated. In a typical application, accessory insertion would
be detected when the MICBIAS current exceeds MICDET_THR, and microphone hookswitch
operation would be detected when the MICBIAS current exceeds MICSHORT_THR.
The current detect threshold functions are both inputs to the Interrupt control circuit and can be used
to trigger an Interrupt event when either threshold is crossed. Both events can also be indicated as an
output on a GPIO pin - see “General Purpose Input/Output (GPIO)”.
The current detect thresholds are enabled and controlled using the registers described in Table 7.
Performance parameters for this circuit block can be found in the “Electrical Characteristics” section.
Hysteresis and filtering is also provided in the both current detect circuits to improve reliability in
conditions where AC current spikes are present due to ambient noise conditions. These features are
described in the following section. Further guidance on the usage of the MICBIAS current monitoring
features is also described in the following pages.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Mic Bias
Control 0
5:4
MICDET_THR
[1:0]
00
MICBIAS Current Detect Insertion
Threshold
00 = 0.063mA
01 = 0.26mA
10 = 0.45mA
11 = 0.635mA
Values are scaled with AVDD.
Figures shown are based on
AVDD=1.8V.
3:2
MICSHORT_TH
R [1:0]
00
MICBIAS Short Circuit Button Push
Threshold
00 = 0.52mA
01 = 0.77mA
10 = 1.2mA
11 = 1.43mA
Values are scaled with AVDD.
Figures shown are based on
AVDD=1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com