| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF340 bảng dữ liệu(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340 bảng dữ liệu(HTML) 35 Page - Analog Devices |
|
35 / 40 page ![]() REV. 0 ADMCF340 –35– 0 0 0 0 DM (0x2000) ADC1 (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 DM (0x2001) ADC2 (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 DM (0x2002) ADC3 (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 DM (0x2003) ADCAUX (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2068) ICONST_TRIM (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ICONST MIN = BITS 0–2 CLEARED. ICONST MAX = BITS 0–2 SET. 0 0 0 00 0 0 00 0 0 00 0 0 0 SHA1_TM (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2069) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x206A) SHA2 _TM (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x206B) SHA3 _TM (R/W) CONVERSION STATUS 0 = DATA READY 1 = NOT READY CONVERSION STATUS 0 = DATA READY 1 = NOT READY CONVERSION STATUS 0 = DATA READY 1 = NOT READY Figure 27. Configuration of ADC Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |