| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF340 bảng dữ liệu(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340 bảng dữ liệu(HTML) 30 Page - Analog Devices |
|
30 / 40 page ![]() REV. 0 ADMCF340 –30– FLASH MEMORY CONTROL REGISTER 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0x2080 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 FLASH MEMORY ADDRESS REGISTER 0 0 0 0 0 0 0 00 0 0 00 0 0 0 0x2081 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED ALWAYS READ 0 ADDRESS 11 0 FLASH MEMORY DATA REGISTER LOW (FMDRL) 0 0 0 0 0 0 0 00 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED ALWAYS READ 0 0x2083 STATUS 5–0 DATA 7–0 FLASH MEMORY DATA REGISTER HIGH (FMDRH) 0 0 0 0 0 0 0 00 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0x2082 DATA 23–8 MOST SIGNIFICANT BIT IS ON THE LEFT. FOR EXAMPLE, DATA23 IS BIT 15 OF FMDRH. BOOT-FROM-FLASH-CODE Figure 21. Configuration of Flash Memory Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |