công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMCF340 bảng dữ liệu(PDF) 40 Page - Analog Devices

tên linh kiện ADMCF340
Giải thích chi tiết về linh kiện  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 bảng dữ liệu(HTML) 40 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 32Page - Analog Devices ADMCF340 Datasheet HTML 33Page - Analog Devices ADMCF340 Datasheet HTML 34Page - Analog Devices ADMCF340 Datasheet HTML 35Page - Analog Devices ADMCF340 Datasheet HTML 36Page - Analog Devices ADMCF340 Datasheet HTML 37Page - Analog Devices ADMCF340 Datasheet HTML 38Page - Analog Devices ADMCF340 Datasheet HTML 39Page - Analog Devices ADMCF340 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
REV. 0
–40–
ADMCF340
64-Lead Thin Plastic Quad Flatpack [LQFP]
(ST-64)
Dimensions shown in millimeters and (inches)
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.35 (0.0138)
0.80 (0.0315)
BSC
16.25 (0.6398)
16.00 (0.6299) SQ
15.75 (0.6201)
14.10 (0.5551)
14.00 (0.5512) SQ
13.90 (0.5472)
1.60 (0.0630)
MAX
SEATING
PLANE
0.10 (0.0039)
MAX LEAD
COPLANARITY
0.75 (0.0295)
0.60 (0.0236)
0.45 (0.0177)
12
TYP
10
6
2
0.17 (0.0067)
MAX
7
0
1.45 (0.0571)
1.40 (0.0551)
1.35 (0.0531)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40