| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF340 bảng dữ liệu(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340 bảng dữ liệu(HTML) 31 Page - Analog Devices |
|
31 / 40 page ![]() REV. 0 ADMCF340 –31– PWMSYNCWT + 1 fCLKOUT TPWMSYNC, ON = PWMSWT (R/W) 15 14 13 12 11 10 987 65432 10 00 0 0 0000 000 00000 DM (0x2061) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 01 0 00 111 00 0 000 00 PWMSYNCWT (R/W) PWMSYNCWT DM (0x2060) 15 14 13 12 11 10 9876 543 210 00 0 00 0 0 0 00 00 00 00 PWMDT (R/W) PWMDT fCLKOUT 2 PWMTM fPWM = DM (0x2009) PWMTM (R/W) PWMTM 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2008) 0 0 0 0 0 0 0 0 0 PWMSEG (R/W) 15 14 13 12 11 10 987 6543 210 00000 00 DM (0x200F) 2 PWMTM fCLKOUT TD = SECONDS CH OUTPUT DISABLE CL OUTPUT DISABLE BH OUTPUT DISABLE BL OUTPUT DISABLE AH OUTPUT DISABLE AL OUTPUT DISABLE 0 = ENABLE 1 = DISABLE A CHANNEL CROSSOVER B CHANNEL CROSSOVER C CHANNEL CROSSOVER 0 = NO CROSSOVER 1 = CROSSOVER Figure 22. Configuration of PWM Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |