công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH00962A bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASH00962A
Giải thích chi tiết về linh kiện  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 18Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 19Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 20Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 21Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 22Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 23Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Table 10. Flash characteristics (continued)
C
Characteristic
Symbol
Min1
Typical2
Max3
Unit4
D
NVM Bus frequency
fNVMBUS
1
—
25
MHz
D
NVM Operating frequency
fNVMOP
0.8
—
1.05
MHz
D
Erase Verify All Blocks
tVFYALL
—
—
17030
tcyc
D
Erase Verify Flash Block
tRD1BLK
—
—
16977
tcyc
D
Erase Verify EEPROM Block
tRD1BLK
—
—
843
tcyc
D
Erase Verify Flash Section
tRD1SEC
—
—
517
tcyc
D
Erase Verify EEPROM Section
tDRD1SEC
0.10
0.10
0.11
ms
D
Read Once
tRDONCE
—
—
455
tcyc
D
Program Flash (2 word)
tPGM2
0.12
0.12
0.14
ms
D
Program Flash (4 word)
tPGM4
0.20
0.21
0.24
ms
D
Program Once
tPGMONCE
0.20
0.21
0.24
ms
D
Program EEPROM (1 Byte)
tDPGM1
0.02
0.02
0.02
ms
D
Program EEPROM (2 Byte)
tDPGM2
0.17
0.18
0.20
ms
D
Erase All Blocks
tERSALL
96.01
100.78
125.80
ms
D
Erase Flash Block
tERSBLK
95.98
100.75
125.76
ms
D
Erase Flash Sector
tERSPG
19.10
20.05
25.05
ms
D
Erase EEPROM Sector
tDERSPG
4.81
5.05
6.30
ms
D
Unsecure Flash
tUNSECU
96.01
100.78
125.80
ms
D
Verify Backdoor Access Key
tVFYKEY
—
—
469
tcyc
D
Set User Margin Level
tMLOADU
—
—
442
tcyc
C
FLASH Program/erase endurance TL to
TH = -40 °C to 105 °C
nFLPE
10 k
100 k
—
Cycles
C
EEPROM Program/erase endurance TL
to TH = -40 °C to 105 °C
nFLPE
50 k
500 k
—
Cycles
C
Data retention at an average junction
temperature of TJavg = 85°C after up to
10,000 program/erase cycles
tD_ret
15
100
—
years
1. Minimun times are based on maxmum fNVMOP and maximum fNVMBUS
2. Typical times are based on typical fNVMOP and maximum fNVMBUS
3. Maximum times are based on minimum fNVMOP and maximum fNVMBUS
4. tcyc = 1 / fNVMBUS
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program/erase operations, see
the Memory section.
6.3 Analog
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
20
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com